Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
6
_______________________________________________________________________________________
100
60
0.01
1
10
EFFICIENCY vs. LOAD CURRENT
70
65
75
80
85
90
95
LOAD CURRENT (A)
0.1
VIN = 7V
VIN = 12V
VIN = 20V
350
0
0.01
1
10
FREQUENCY vs. LOAD CURRENT
100
50
150
200
250
300
LOAD CURRENT (A)
0.1
VIN = 15V, SKIP = VCC
VIN = 15V, SKIP = GND
VIN = 7V, SKIP = GND
VIN = 7V, SKIP = VCC
320
310
300
290
280
015
5
10
202530
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
ILOAD = 1A
290
300
310
320
330
-40
-10
20
50
-25
5
35
65
80
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
ILOAD = 1A
ILOAD = 4A
-40
5
20
-25 -10
35
50
65
80
CURRENT LIMIT vs. TEMPERATURE
TEMPERATURE (
°C)
3
4
5
6
0
100
200
300
400
500
600
700
800
010
5
15202530
CONTINUOUS-TO-DISCONTINUOUS INDUCTOR
CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
CONTINUOUS INDUCTOR CURRENT
DISCONTINUOUS INDUCTOR CURRENT
0
1
2
3
4
5
6
7
8
010
5
15202530
CURRENT LIMIT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
1.0
1.4
1.2
1.6
1.8
NORMALIZED OVERVOLTAGE
TRIP THRESHOLD vs. VOVP
VOVP (V)
OVERVOLTAGE TRIP THRESHOLD
OUTPUT VOLTAGE SET POINT
110
112
116
114
118
120
-40
10
-15
35
60
85
OVERVOLTAGE TRIP THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, VIN = 15V, SKIP = GND, TON = unconnected, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com