Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1844 Datasheet HTML 1Page - Maxim Integrated Products MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF Sink Current
REF in regulation
10
µA
REF Fault Lockout Voltage
Falling edge, hysteresis = 40mV
1.6
V
Overvoltage Trip Threshold
(Fixed-Threshold Mode)
With respect to error comparator threshold, no load
OVP = GND, rising edge, hysteresis = 1%
12
14.5
17
%
External feedback, measured at FB with respect to
VOVP, 1V < VOVP < 1.8V, rising edge, hysteresis =1%
-30
+30
mV
Overvoltage Comparator Offset
(Adjustable-Threshold Mode)
Internal feedback, measured at OUT with respect to the
nominal OUT regulation voltage, 1V < VOVP < 1.8V,
rising edge, hysteresis = 1%
-3.5
+3.5
%
OVP Input Leakage Current
1V < VOVP < 1.8V
-100
0
+100
nA
Overvoltage Fault
Propagation Delay
FB forced 2% above trip threshold
1.5
µs
Output Undervoltage Protection
Trip Threshold (Fixed-Threshold
Mode)
With respect to error comparator threshold, UVP = VCC
65
70
75
%
External feedback, measured at FB with respect to
VUVP, 0.4V < VUVP < 1V
-40
+40
mV
Output Undervoltage Protection
Trip Threshold (Adjustable-
Threshold Mode)
Internal feedback, measured at OUT with respect to the
nominal OUT regulation voltage, 0.4V < VUVP < 1V
-5
+5
%
UVP Input Leakage Current
0.4V < VUVP < 1V
-100
<1
+100
nA
Output Undervoltage Protection
Blanking Time
From rising edge of SHDN
10
30
ms
PGOOD Trip Threshold (Lower)
With respect to error comparator threshold, no load
-12.5
-10
-8
%
PGOOD Trip Threshold (Upper)
With respect to error comparator threshold, no load
8
10
12.5
%
PGOOD Propagation Delay
FB forced 2% beyond PGOOD trip threshold, falling
10
µs
PGOOD Output Low Voltage
ISINK = 1mA
0.4
V
PGOOD Leakage Current
High state, forced to 5.5V
1
µA
ILIM Adjustment Range
0.25
3
V
Current-Limit Threshold (Fixed)
GND - VCS, ILIM = VCC
90
100
110
mV
VILIM = 0.5V
40
50
60
Current-Limit Threshold
(Adjustable)
GND - VCS
VILIM = 2V
170
200
230
mV
Current-Limit Threshold
(Negative Direction)
GND - VCS, SKIP = VCC, ILIM = VCC ,TA = +25°C
-140
-117
-95
mV
Current-Limit Threshold
(Zero Crossing)
GND - VCS, SKIP = GND
3
mV
Thermal Shutdown Threshold
Hysteresis = 10°C
150
°C
VCC Undervoltage
Lockout Threshold
Rising edge, hysteresis = 20mV,
PWM disabled below this level
4.1
4.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com