Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1844 Datasheet HTML 1Page - Maxim Integrated Products MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +28V
VCC, VDD to GND .....................................................-0.3V to +6V
OUT, PGOOD, SHDN to GND ..................................-0.3V to +6V
FB, ILIM, LATCH, OVP, REF, SKIP,
TON, UVP to GND ..................................-0.3V to (VCC + 0.3V)
BST to GND ............................................................-0.3V to +34V
CS to GND.................................................................-6V to +30V
DL to GND ..................................................-0.3V to (VDD + 0.3V)
DH to LX .....................................................-0.3V to (BST + 0.3V)
LX to BST..................................................................-6V to +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP (derate 9.1mW/
°C above +70°C)...........727mW
20-Pin 5mm ✕ 5mm QFN (derate 20.0mW/°C
above +70°C).................................................................1.60W
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery voltage, V+
2
28
Input Voltage Range
VCC , VDD
4.5
5.5
V
FB = OUT
0.99
1.01
FB = GND
2.475
2.5
2.525
Error Comparator Threshold
(DC Output Voltage Accuracy)
(Note 1)
V+ = 4.5V to 28V,
SKIP = VCC
FB = VCC
1.782
1.8
1.818
V
Load Regulation Error
ILOAD = 0 to 3A, SKIP = VCC
9
mV
Line Regulation Error
VCC = 4.5V to 5.5V, V+ = 4.5V to 28V
5
mV
FB Input Bias Current
-0.1
+0.1
µA
Output Adjustment Range
1
5.5
V
FB = GND
90
190
350
OUT Input Resistance
FB = VCC or adjustable feedback mode
70
145
270
k
Ω
Soft-Start Ramp Time
Rising edge of SHDN to full current limit
1.7
ms
TON = GND (600kHz)
140
160
180
TON = REF (450kHz)
175
200
225
TON = unconnected (300kHz)
260
290
320
On-Time
V+ = 24V,
VOUT = 2V
(Note 2)
TON = VCC (200kHz)
380
425
470
ns
Minimum Off-Time
(Note 2)
400
500
ns
Quiescent Supply Current (VCC)
FB forced above the regulation point
550
800
µA
Quiescent Supply Current (VDD)
FB forced above the regulation point
<1
5
µA
Quiescent Supply Current (V+)
25
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
<1
5
µA
Shutdown Supply Current (VDD)
SHDN = GND
<1
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V, VCC = VDD = 0 or 5V
<1
5
µA
Reference Voltage
VCC = 4.5V to 5.5V, no external REF load
1.98
2.00
2.02
V
Reference Load Regulation
IREF = 0 to 50µA
0.01
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com