Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 1302 page
background image
Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
5-3
Book E allows processors to provide auxiliary processing units (APUs), which are extensions to
the architecture that can perform computational or system management functions. One of these on
the e500 is the signal processing engine APU (SPE APU), which includes a suite of vector
instructions that use the upper and lower halves of the GPRs as a single two-element operand.
Most APUs implemented on the e500 are defined by the Freescale Semiconductor Book E
implementation standards (EIS).
5.1.1
Upward Compatibility
The e500 provides 32-bit effective addresses and integer data types of 8, 16, and 32 bits, and
two-element 64-bit data types for the embedded vector floating-point APU which provides scalar
and vector single-precision instructions that operate on operands comprised of two 32-bit elements
and the SPE APU, which provides an extensive instruction set for 64-bit vector integer and
fractional operations.
The embedded scalar floating-point APU provides 32-bit single-precision instructions.
NOTE
The SPE APU and embedded floating-point APU functionality is
implemented in all PowerQUICC III devices. However, these
instructions will not be supported in devices subsequent to
PowerQUICC III. Freescale Semiconductor strongly recommends
that use of these instructions be confined to libraries and device
drivers. Customer software that uses SPE or embedded floating-point
APU instructions at the assembly level or that uses SPE intrinsics will
require rewriting for upward compatibility with next-generation
PowerQUICC devices.
Freescale Semiconductor offers a libmoto_e500 library that uses SPE
and embedded floating-point APU instructions. Freescale will also
provide libraries to support next-generation PowerQUICC devices.
5.1.2
Core Complex Summary
The core complex is a superscalar processor that can issue two instructions and complete two
instructions per clock cycle. Instructions complete in order, but can execute out of order. Execution
results are available to subsequent instructions through the rename buffers, but those results are
recorded into architected registers in program order, maintaining a precise exception model. All
arithmetic instructions that execute in the core operate on data in the GPRs. Although the GPRs
are 64 bits wide, only SPE APU and embedded vector floating-point instructions operate on the
upper word of the GPRs; the upper 32 bits are not affected by 32-bit instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com