Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 219 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1302 page
background image
Features
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
5-5
5.3
Features
Key features of the e500 are summarized as follows:
•
Implements Book E 32-bit architecture
•
Auxiliary processing units
The branch target buffer (BTB) locking APU is specific to the e500. The BTB locking APU
gives the user the ability to lock, unlock, and invalidate BTB entries. The EIS defines the
following APUs:
— Integer select. This APU consists of the Integer Select instruction, isel, which is a
conditional register move that helps eliminate conditional branches, decreases latency,
and reduces the code footprint.
— Performance monitor. The performance monitor facility provides the ability to monitor
and count predefined events such as processor clocks, misses in the instruction cache or
data cache, types of instructions decoded, or mispredicted branches. The count of such
events can be used to trigger the performance monitor exception. Additional
performance monitor registers (PMRs) similar to SPRs are used to configure and track
performance monitor operations. These registers are accessed with the Move to PMR
and Move from PMR instructions (mtpmr and mfpmr). See Section 5.12,
“Performance Monitoring.”
— Cache line lock and unlock. This APU allows instructions and data to be locked into
their respective caches on a cache line basis. Locking is performed by a set of
touch-and-lock set instructions. This functionality can be enabled for user mode by
setting MSR[UCLE]. The APU also provides resources for detecting and handling
overlocking conditions.
— Machine check. The machine check interrupt is treated as a separate level of interrupt.
It uses its own save and restore registers (MCSRR0 and MCSRR1) and Return from
Machine Check Interrupt (rfmci) instruction. See Section 5.8, “Interrupts and
Exception Handling.”
— Single-precision embedded scalar and vector floating-point APUs. These instructions
are listed in the EREF: A Reference for Freescale Semiconductor Book E and the e500
Core.
Table 5-1. Revision Level-to-Device Marking Cross-Reference
MPC8540
Revision
e500 Core
Revision
Processor Version Register
(PVR)
System Version Register
(SVR)
1.0
1.0
0x8020_0010
0x8030_0010
2.0
2.0
0x8021_0010
0x8030_0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com