Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
5-14
Freescale Semiconductor
Core Complex Overview
5.5
Instruction Flow
The e500 core is a pipelined, superscalar processor with parallel execution units that allow
instructions to execute out of order but record their results in order. Pipelining breaks instruction
processing into discrete stages, so multiple instructions in an instruction sequence can occupy the
successive stages: as an instruction completes one stage, it passes to the next, leaving the previous
stage available to a subsequent instruction. So, even though it may take multiple cycles for an
instruction to pass through all of the pipeline stages, once a pipeline is full, instruction throughput
is much shorter than the latency.
A superscalar processor is one that issues multiple independent instructions into separate
execution units, allowing parallel execution. The e500 core has five execution units, one each for
branch (BU), load/store (LSU), and multiple-cycle operations (MU), and two for simple arithmetic
(SU1 and SU2). The MU and SU1 arithmetic execution units also execute 64-bit SPE vector
instructions, using both the lower and upper halves of the 64-bit GPRs.
The parallel execution units allow multiple instructions to execute in parallel and out of order. For
example, a low-latency addition instruction that is issued to an SU after an integer divide is issued
to the MU should finish executing before the higher latency divide instruction. The add instruction
can make its results available to a subsequent instruction, but it cannot update the architected GPR
specified as its target operand ahead of the multiple-cycle divide instruction.
5.5.1
Initial Instruction Fetch
The e500 core begins execution at fixed virtual address 0xFFFF_FFFC. The MMU has a default
page translation which maps this to the identical physical address. So, the instruction at physical
address 0xFFFF_FFFC must be a branch to another address within the 4-Kbyte boot page.
5.5.2
Branch Detection and Prediction
To improve branch performance, the e500 provides an implementation-specific dynamic branch
prediction using the BTB to resolve branch instructions and improve the accuracy of branch
predictions. Each of the 512 entries in the four-way set associative address cache of branch target
addresses includes a 2-bit saturating branch history counter, whose value is incremented or
decremented depending on whether the branch was taken. These bits can take four values indicating
strongly taken, weakly taken, weakly not taken, and strongly not taken.
The BTB is used not only to predict branches, but to detect branches during the fetch stage,
offering an efficient way to access instruction streams for branches predicted as taken.
In the e500, all branch instructions are assigned positions in the completion queue at dispatch.
Speculative instructions in branch target streams are allowed to execute and proceed through the
completion queue, although they can complete only after the branch prediction is resolved as
correct and after the branch instruction itself completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com