Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 232 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
5-18
Freescale Semiconductor
Core Complex Overview
upper and lower 32 bits of two 64-bit GPR values and produce two 32-bit results written to a 64-bit
GPR.
As shown in Figure 5-4, the LSU, MU, and SU1 replicate logic to support 64-bit operations.
Although a vector instruction generates separate, discrete results in the upper and lower halves of
the target GPR, latency and throughput for vector instructions are the same as those for their scalar
equivalents.
5.6
Programming Model
The following section describes the e500 core registers defined in Book E, the Freescale
Semiconductor Book E implementation standards (EIS), and registers that are specific to the e500.
Table 5-6 shows the e500 register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com