Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 271 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 271 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 1302 page
background image
Interrupt Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-21
6.7.2
EIS-Defined Interrupt Registers
6.7.2.1
Machine Check Save/Restore Register 0 (MCSRR0)
Table 6-11. ESR Field Descriptions
Bits
Name
Syndrome
Interrupt Types
32–35
—
Reserved, should be cleared. (Defined by Book E as allocated.)
—
36
PIL
Illegal instruction exception
Program
37
PPR
Privileged instruction exception
Program
38
PTR
Trap exception
Program
39
—
Defined by Book E for floating-point operations. Reserved and permanently
cleared because the e500 does not implement a Book E FPU. Setting it has
no effect.
—
40
ST
Store operation
Alignment, data
storage, data TLB
error
41
—
Reserved, should be cleared.
—
42
DLK
Cache locking. Settings are implementation-dependent.
0 Default
1 On the e500, DLK is set when a DSI occurs because dcbtls, dcbtstls, or
dcblc is executed in user mode while MSR[UCLE] = 0.
Data storage
43
ILK
Set when a DSI occurs because icbtl or icblc is executed in user mode
(MSR[PR] = 1) and MSR[UCLE] = 0
Data storage
44–45
—
Reserved, should be cleared.
46
BO
Byte-ordering exception
Data storage,
instruction storage
47–55
—
Reserved, should be cleared.
—
56
SPE
SPE exception bit (e500-specific)
0 Default
1 Any exception caused by an SPE or SPFP instruction
SPE unavailable
57–63
—
Reserved, should be cleared. (Defined by Book E as allocated.)
—
32
63
Field
Next instruction address
Reset
All zeros
R/W
R/W
SPR
SPR 570
Figure 6-23. Machine Check Save/Restore Register 0 (MCSRR0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com