Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1302 page
background image
Interrupt Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-23
6.7.2.4
Machine Check Syndrome Register (MCSR)
32
33
34
35
36
37
38
39
Field
MCP
ICPERR
DCP_PERR
DCPERR
—
—
—
—
Reset
All zeros
R/W
R/W
40
41
42
43
44
45
46
47
Field
—
—
—
—
—
—
—
GL_CI
Reset
All zeros
R/W
R/W
48
49
50
51
52
53
54
55
Field
—
—
—
—
—
—
—
—
Reset
All zeros
R/W
R/W
56
57
58
59
60
61
62
63
Field BUS_IAERR BUS_RAERR BUS_WAERR BUS_IBERR BUS_RBERR BUS_WBERR BUS_IPERR BUS_RPERR
Reset
All zeros
R/W
R/W
SPR
SPR 572
Figure 6-26. Machine Check Syndrome Register (MCSR)
Table 6-12. MCSR Field Descriptions
Bit
Name
Description
Recoverable
32
MCP
Machine check input pin
Maybe
33
ICPERR
Instruction cache parity error
Precise
34
DCP_PERR
Data cache push parity error
Maybe
35
DCPERR
Data cache parity error
Precise. (Cache-inhibited stwcx. instructions and guarded
loads that initiate this error are deallocated before a
machine check is taken. MCSRR0 holds the address of the
next instruction, not the instruction that initiated the error.)
36–46
—
Reserved, should be cleared.
—
47
GL_CI
Set when a guarded load or
cache-inhibited stwcx. causes
a cache parity error (ICPERR,
DCPERR)—MCSRR0 holds
the address for the instruction
after the instruction that
caused the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com