Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-26
Freescale Semiconductor
Core Register Summary
6.9.3
Branch Unit Control and Status Register (BUCSR)
62
IAB2
Instruction after branch bit 2 (with BBEAR[62–63]). IAB is a 3-bit pointer that points to the
instruction in the cache line after the branch. See the description for bblels in the EREF. If the
branch is the last instruction in the cache block, IAB = 000, to indicate the next sequential
instruction, which resides in the zeroth position of the next cache block.
63
BDIRPR
Branch direction prediction. The user can pick the direction of the predicted branch.
0 The locked address is always predicted as not taken.
1 The locked address is always predicted as taken.
32
53
54
55
56
57
58
62
63
Field
—
BBFI BBLO BBUL BBLFC
—
BPEN
Reset
All zeros
R/W
R/W
SPR
SPR 1013
Figure 6-30. Branch Unit Control and Status Register (BUCSR)
Table 6-15. BUCSR Field Descriptions
Bits
Name
Description
32–5
3
—
Reserved, should be cleared.
54
BBFI
Branch buffer flash invalidate. Clearing and then setting BBFI flash clears the valid bit of all entries in
the branch buffer; clearing occurs independently from the value of the enable bit (BPEN). BBFI is
always read as 0.
55
BBLO Branch buffer lock overflow status
0 Indicates a lock overflow condition was not encountered in the branch buffer
1 Indicates a lock overflow condition was encountered in the branch buffer
This sticky bit is set by hardware and is cleared by writing 0 to this bit location.
56
BBUL
Branch buffer unable to lock
0 Indicates a lock overflow condition in the branch buffer
1 Indicates a lock set instruction failed in the branch buffer, for example, if the BTB is disabled.
This sticky bit is set by hardware and is cleared by writing 0 to this bit location.
57
BBLF
C
Branch buffer lock bits flash clear. Clearing and then setting BBLFC flash clears the lock bit of all
entries in the branch buffer; clearing occurs independently from the value of the enable bit (BPEN).
BBLFC is always read as 0.
58–6
2
—
Reserved, should be cleared.
63
BPEN Branch prediction enable
0 Branch prediction disabled
1 Branch prediction enabled (enables BTB to predict branches)
Table 6-14. BBTAR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com