Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1302 page
background image
Hardware Implementation-Dependent Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-29
46
RFXE
Read fault exception enable. Controls whether assertion of core_fault_in causes a machine check
interrupt. The assertion of core_fault_in can result from an L2 multibit ECC error. It can also occur for a
system error if logic on the integrated device signals a fault for nonfatal errors (read data is corrupt (or
zero), but the bus transaction can complete without corrupting other system state, making it unnecessary
to take a machine check (for example, a master abort of a PCI transaction).
0 Assertion of core_fault_in cannot cause a machine check. RFXE should be left clear if an interrupt is
to be reported by the integrated device through int or c_int for this condition. If RFXE = 0, it is important
that the integrated device generates an interrupt if core_fault_in is asserted.
If core_fault_in is asserted, any data on the CCB is dropped, stalling the load/store unit and eventually
causing the e500 pipeline either to stall until an interrupt occurs (typically generated by the
programmable interrupt controller (PIC) in response to the fault) or to continue processing with bad
data untill the interrupt occurs. Because core_fault_in cannot cause a machine check, if RFXE is 0, it
is critical that the system be configured to generate the appropriate interrupt.
It is also possible to hang the processor (requiring a hard reset to recover) if a guarded load hits in the
L2 cache and gets an uncorrectable ECC error. Because of this, avoid defining memory as cacheable
but guarded. If this combination is required, RFXE must be enabled, in which case an error causes
both a machine check interrupt and an external interrupt when a bus fault condition is detected unless
interrupts are masked for all sources of bus faults, such as DRAM ECC errors, PCI parity errors, local
bus parity errors, and others.
RFXE must also be set if software requires that code execution stop immediately when a bus fault
occurs rather than continuing with the bad data until the interrupt arrives. Again, this results in both a
machine check interrupt and an external interrupt when a bus fault is detected, unless all possible
sources for bus fault have their interrupts masked.þThe machine check interrupt can then reenable
normal interrupts and wait for the interrupt due to the fault to be received before returning from the
machine check.
1 A machine check can occur due to assertion of core_fault_in.
If MSR[ME] = 1 and a fault is signaled, a machine check interrupt occurs.
If MSR[ME] = 0 and a fault is signaled, a checkstop occurs.
Note that if RFXE is set and another mechanism is configured to generate an interrupt in response to
assertion of core_fault_in, the same event causes two interrupts, the machine check enabled by setting
RFXE and the interrupt triggered by the on-chip peripheral or other block; therefore, RFXE should be
set only if no other mechanism is configured to generate an interrupt for this case.
Note that the L2 cache detects any assertion of core_fault_in and ensures that the L2 cache is not
corrupted when data is dropped for this type of transaction.
47–49
—
Reserved, should be cleared.
50
ASTME
Address bus streaming mode enable. This bit, along with the ECM stream control bits in the EEBACR,
enables address bus streaming on the CCB. See Section 8.2.1.1, “ECM CCB Address Configuration
Register (EEBACR).”
0 Address bus streaming mode disabled
1 Address bus streaming mode enabled
51
ABE
Address broadcast enable. The e500 broadcasts cache management instructions (dcbst, dcblc
(CT = 1), icblc (CT = 1), dcbf, dcbi, mbar, msync, tlbsync, icbi) based on ABE. On the MPC8540
, ABE
must be set to allow management of external L2 caches.
0 Address broadcasting disabled
1 Address broadcasting enabled
52–63
—
Reserved, should be cleared.
Table 6-17. HID1 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com