Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 277 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 277 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1302 page
background image
Hardware Implementation-Dependent Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-27
6.10 Hardware Implementation-Dependent Registers
6.10.1 Hardware Implementation-Dependent Register 0 (HID0)
32
33
39
40
41
42
43
48
49
50
51
62
63
Field EMCP
—
DOZE NAP SLEEP
—
TBEN
SEL_TBCLK
—
NOPTI
Reset
All zeros
R/W
R/W
SPR
SPR 1008
Figure 6-31. Hardware Implementation-Dependent Register 0 (HID0)
Table 6-16. HID0 Field Descriptions
Bits
Name
Description
32
EMCP
Enable machine check pin, MCP. Used to mask out further machine check exceptions caused by
assertion of MCP.
0MCP is disabled.
1MCP is enabled. If MSE[ME] = 0, asserting MCP causes checkstop. If MSR[ME] = 1, asserting MCP
causes a machine check exception.
33–39
—
Reserved, should be cleared.
40
DOZE
Doze power management mode. If MSR[WE] is set, this bit controls DOZE mode.
0 Core not in doze mode
1 Core in doze mode
41
NAP
Nap power management mode. If MSR[WE] is set, this bit controls NAP mode.
0 Core not in nap mode
1 Core in nap mode
42
SLEEP
Configure for sleep power management mode. Controls SLEEP mode if MSR[WE] is set.
0 Core not in sleep mode
1 Core in sleep mode
43–48
—
Reserved, should be cleared.
49
TBEN
Time base enable
0 Time base disabled (no counting)
1 Time base enabled
• If HID0[TBEN] = 1 and HID0[SEL_TBCLK] = 0, the time base is updated every 8 bus clocks
• If HID0[TBEN] = 1 and HID0[SEL_TBCLK] = 1, the time base is updated on the rising edge of
core_TBCLK (sampled at bus rate). The maximum supported frequency can be found in the electrical
specifications, but this value is approximately 25% of the bus clock frequency.
50
SEL_TBCL
K
Select time base clock. If the time base is enabled, this field functions as follows:
0 Time base is based on the processor clock
1 Time base is based on the TBCLK (RTC) input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com