Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 278 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 278 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-28
Freescale Semiconductor
Core Register Summary
6.10.2 Hardware Implementation-Dependent Register 1 (HID1)
51–62
—
Reserved, should be cleared.
63
NOPTI
No-op the data and instruction cache touch instructions.
0 dcbt, dcbtst, and icbt are enabled, as defined by the EIS. On the e500, if CT = 0, icbt is always a
no-op, regardless of the value of NOPTI. If CT = 1, icbt does a touch load to an L2 cache, if one is
present.
1 dcbt, dcbtst, and icbt are treated as no-ops; dcblc and dcbtls are not.
32
33
34
39
40
45
46
47
49
50
51
52
63
Field PLL_MODE PLL_CFG
—
RFXE
—
ASTME ABE
—
Reset
01[PLL_CFG]_0000_0000_0000_0000_0000_0000
R/W
R/W
SPR
SPR 1009
Figure 6-32. Hardware Implementation-Dependent Register 1 (HID1)
Table 6-17. HID1 Field Descriptions
Bits
Name
Description
32–33
PLL_MOD
E
Read-only for integrated devices.
01 Fixed value for MPC8540
34–39
PLL_CFG
Reflected directly from configuration input pins (read-only). PLL_CFG[0–4] corresponds to the integer
divide ratio and PLL_CFG5 is the half-mode bit. MPC8540 supports the following:
00010 0 ratio of 2:1
00010 1 ratio of 5:2 (2.5:1)
00011 0 ratio of 3:1
00011 1 ratio of 7:2 (3.5:1)
Note that this value is also reflected to PORPLLSR[e500_Ratio]. See Section 18.4.1.1, “POR PLL Status
Register (PORPLLSR).”
40–45
—
Reserved, should be cleared.
Table 6-16. HID0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com