Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1302 page
background image
L1 Cache Configuration Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-31
6.11.2 L1 Cache Control and Status Register 1 (L1CSR1)
62
CFI
(Data) Cache flash invalidate.
0 No cache invalidate. Writing a 0 to CFI during an invalidation operation is ignored.
1 Cache invalidation operation. A cache invalidation operation is initiated by hardware. Once complete, this bit
is cleared. Writing a 1 during an invalidation operation causes an undefined operation.
Invalidation occurs regardless of the enable (CE) value.
63
CE
(Data) Cache enable
0 The cache is neither accessed or updated.
1 Enables cache operation
Line Locking APU Bits
32
46
47
48
49
51
52
53
54
55
56
60
61
62
63
Field
—
ICPE
ICPI
—
ICSLC
ICUL
ICLO
ICLFR
—
ICFI ICE
Reset
All zeros
R/W
R/W
SPR
SPR 1011
Figure 6-34. L1 Cache Control and Status Register 1 (L1CSR1)
Table 6-19. L1CSR1 Field Descriptions
Bits
Name
Description
32–46
—
Reserved, should be cleared.
47
ICPE Instruction cache parity enable
0 Parity checking of the instruction cache disabled
1 Parity checking of the instruction cache enabled
48
ICPI
Instruction parity error injection enable
0 Parity error injection disabled
1 Parity error injection enabled. Note that instruction cache parity must also be enabled (ICPE = 1) when this
bit is set.
49–51
—
Reserved, should be cleared.
52
ICSL
C
Instruction cache snoop lock clear. Sticky bit set by hardware if an icbi snoop (either internally or externally
generated) invalidated a locked line in the instruction cache. Note that the lock bit for that line is cleared
whenever the line is invalidated. This bit can only be cleared by software.
0 The instruction cache has not encountered an icbi snoop that invalidated a locked line.
1 The instruction cache has encountered an icbi snoop that invalidated a locked line.
53
ICUL Instruction cache unable to lock. Sticky bit set by hardware and cleared by writing 0 to this bit location.
0 Indicates a lock set instruction was effective in the instruction cache
1 Indicates a lock set instruction was not effective in the instruction cache
Table 6-18. L1CSR0 Field Descriptions (continued)
Bits
Nam
e
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com