Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 285 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 285 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1302 page
background image
MMU Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-35
6.12.3 MMU Configuration Register (MMUCFG)
6.12.4 TLB Configuration Registers (TLBnCFG)
6.12.4.1 TLB0 Configuration Register 0 (TLB0CFG)
32
48 49
52 53
57 58 59
60
61
62
63
Field
—
NPIDS
PIDSIZE
—
NTLBS MAVN
Reset
0000_0000_0000_0000_0
001_1
001_11
00
01
00
R/W
Read only
SPR
SPR 1015
Figure 6-39. MMU Configuration Register (MMUCFG)
Table 6-23. MMUCFG Field Descriptions
Bits
Name
Description
32–48
—
Reserved, should be cleared.
49–52
NPIDS
Number of PID registers, a 4-bit field that indicates the number of PID registers provided by the
processor. The e500 implements three PIDs.
53–57
PIDSIZE PID register size. The 5-bit value of PIDSIZE is one less than the number of bits in each of the PID
registers implemented by the processor. The processor implements only the least significant
PIDSIZE+1 bits in the PID registers.
00111 indicates 8-bit registers. This is the value presented by the e500.
58–59
—
Reserved, should be cleared.
60–61
NTLBS
Number of TLBs. The value of NTLBS is one less than the number of software-accessible TLB
structures that are implemented by the processor. NTLBS is set to one less than the number of
TLB structures so that its value matches the maximum value of MAS0[TLBSEL].
00 1 TLB
01 2 TLBs. This is the value presented by the e500.
10 3 TLBs
11 4 TLBs
62–63
MAVN
MMU architecture version number. Indicates the version number of the architecture of the MMU
implemented by the processor. 0b00 indicates version 1.0.
32
39 40
43
44
47
48
49
50 51 52
63
Field
ASSOC
MINSIZE MAXSIZE IPROT AVAIL
—
NENTRY
Reset
0000_0010
0001
0001
0
0
00
0001_0000_0000
R/W
Read only
SPR
SPR 688
Figure 6-40. TLB Configuration Register 0 (TLB0CFG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com