Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 287 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1302 page
background image
MMU Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-37
6.12.5 MMU Assist Registers
6.12.5.1 MAS Register 0 (MAS0)
50–51
—
Reserved, should be cleared.
52–63
NENTRY
Number of entries in TLB1
0x010: TLB1 contains 16 entries
32
34
35
36
43 44
47 48
62 63
Field
—
TLBSEL
—
ESEL
—
NV
Reset
All zeros
R/W
R/W
SPR
SPR 624
Figure 6-42. MAS Register 0 (MAS0)
Table 6-26. MAS0 Field Descriptions—MMU Read/Write and Replacement Control
Bits
Name
Descriptions
32–34
—
Reserved, should be cleared.
35
TLBSEL Selects TLB for access
0TLB0
1TLB1
36–43
—
Reserved, should be cleared.
44–47
ESEL
Entry select. Number of entry in selected array to be used for tlbwe. This field is also updated on
TLB error exceptions (misses), and tlbsx hit and miss cases.
For the e500, ESEL serves as the way select for the corresponding TLB as follows:
When TLBSEL = 00 (TLB0 selected), only bit 47 is used (and bits 44–46 should be cleared). This
bit selects between way 0 and way 1 of TLB0. EA bits 45–51 from MAS2[EPN] are used to index
into the TLB to further select the entry for the operation.
When TLBSEL = 01 (TLB1 selected), all four bits are used to select one of 16 entries in the array.
48–62
—
Reserved, should be cleared.
63
NV
Next victim. Next victim bit value to be written to TLB0[NV] on execution of tlbwe. This field is also
updated on TLB error exceptions (misses), tlbsx hit and miss cases and on execution of tlbre.
This field is updated based on the calculated next victim bit for TLB0 (based on the round-robin
replacement algorithm.)
Note that this field is not defined for operations that specify TLB1 (when TLBSEL = 01).
Table 6-25. TLB1CFG Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com