Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 288 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 288 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-38
Freescale Semiconductor
Core Register Summary
6.12.5.2 MAS Register 1 (MAS1)
32
33
34
39 40
47 48
50 51
52
55 56
63
Field V IPROT
—
TID
—
TS
TSIZE
—
Reset
All zeros
R/W
R/W
SPR
SPR 625
Figure 6-43. MAS Register 1 (MAS1)
Table 6-27. MAS1 Field Descriptions—Descriptor Context and Configuration
Control
Bits
Name
Descriptions
32
V
TLB valid bit
0 This TLB entry is invalid.
1 This TLB entry is valid.
33
IPRO
T
Invalidate protect. Set to protect this TLB entry from invalidate operations due the execution of tlbiva[x]
(TLB1 only). Note that not all TLB arrays are necessarily protected from invalidation with IPROT. Arrays
that support invalidate protection are denoted as such in the TLB configuration registers.
0 Entry is not protected from invalidation
1 Entry is protected from invalidation.
34–39
—
Reserved, should be cleared.
40–47
TID
Translation identity. An 8-bit field that defines the process ID for this TLB entry. TID is compared with
the current process IDs of the three virtual address to be translated. A TID value of 0 defines an entry
as global and matches with all process IDs.
48–50
—
Reserved, should be cleared.
51
TS
Translation space. This bit is compared with the IS or DS fields of the MSR (depending on the type of
access) to determine if this TLB entry may be used for translation.
52–55 TSIZE Translation size. Defines the TLB entry page size. For arrays that contain fixed-size TLB entries, TSIZE
is ignored. For variable page size arrays, the page size is 4TSIZE Kbytes. Note that although the
Freescale Semiconductor Book E standard supports all 16 page sizes defined in Book E, the e500
supports only the following:
0001 4 Kbyte
0010 16 Kbyte
0011 64 Kbyte
0100 256 Kbyte
0101 1 Mbyte
0110 4 Mbyte
0111 16 Mbyte
1000 64 Mbyte
1001 256 Mbyte
56–63
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com