Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 289 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1302 page
background image
MMU Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-39
6.12.5.3 MAS Register 2 (MAS2)
32
51 52
56 57
58 59 60 61 62 63
Field
EPN
—
X0 X1 W I M G E
Reset
All zeros
R/W
R/W
SPR
SPR 626
Figure 6-44. MAS Register 2 (MAS2)
Table 6-28. MAS2 Field Descriptions—EPN and Page Attributes
Bits
Name
Description
32–5
1
EPN
Effective page number. Depending on page size, only the bits associated with a page boundary are
valid. Bits that represent offsets within a page are ignored and should be cleared.
52–5
6
—
Reserved for implementation-specific use
57
X0
Implementation-dependent page attribute
58
X1
Implementation-dependent page attribute
59
W
Write-through
0 This page is considered write-back with respect to the caches in the system.
1 All stores performed to this page are written through the caches to main memory.
60
I
Caching-inhibited
0 Accesses to this page are considered cacheable.
1 The page is considered caching-inhibited. All loads and stores to the page bypass the caches
and are performed directly to main memory.
61
M
Memory coherence required
0 Memory coherence is not required.
1 Memory coherence is required. This allows loads and stores to this page to be coherent with
loads and stores from other processors (and devices) in the system, assuming all such devices
are participating in the coherence protocol.
62
G
Guarded
0 Accesses to this page are not guarded and can be performed before it is known if they are
required by the sequential execution model.
1 All loads and stores to this page that miss in the L1 cache are performed without speculation (that
is, they are known to be required). Speculative loads can be performed if they hit in the L1 cache.
In addition, accesses to caching-inhibited pages are performed using only the memory element
that is explicitly specified.
63
E
Endianness. Determines endianness for the corresponding page. Little-endian operation is true little
endian, which differs from the modified little-endian byte-ordering model optionally available in
previous devices that implement the original PowerPC architecture. See the e500 Reference
Manual for more information on the Book E definition of endianness.
0 The page is accessed in big-endian byte order.
1 The page is accessed in true little-endian byte order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com