Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1302 page
background image
MMU Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-41
6.12.5.6 MAS Register 6 (MAS6)
46–47
TIDSELD
TID default selection value. A 2-bit field that specifies which of the current PID registers should be
used to load the MAS1[TID] field on a TLB miss exception.
The e500 implementation defines this field as follows:
00 PID0
01 PID1
10 PID2
11 TIDZ (0x00) (all zeros)
48–51
—
Reserved, should be cleared.
52–55
TSIZED
Default TSIZE value. Specifies the default value to be loaded into MAS1[TSIZE] on a TLB miss
exception.
56
—
Reserved, should be cleared.
57
X0D
Default X0 value. Specifies the default value to be loaded into MAS2[X0] on a TLB miss exception.
58
X1D
Default X1 value. Specifies the default value to be loaded into MAS2[X1] on a TLB miss exception.
59
WD
Default W value. Specifies the default value to be loaded into MAS2[W] on a TLB miss exception.
60
ID
Default I value. Specifies the default value to be loaded into MAS2[I] on a TLB miss exception.
61
MD
Default M value. Specifies the default value to be loaded into MAS2[M] on a TLB miss exception.
62
GD
Default G value. Specifies the default value to be loaded into MAS2[G] on a TLB miss exception.
63
ED
Default E value. Specifies the default value to be loaded into MAS2[E] on a TLB miss exception.
32
39 40
47 48
62
63
Field
—
SPID0
—
SAS
Reset
All zeros
R/W
R/W
SPR
SPR 630
Figure 6-47. MAS Register 6 (MAS6)
Table 6-31. MAS6—TLB Search Context Register 0
Bits
Name
Comments, or Function when Set
32–39
—
Reserved, should be cleared.
40–47
SPID0
Specifies the PID value (recent value of PID0) used when searching the TLB during
execution of tlbsx.
48–62
—
Reserved, should be cleared.
63
SAS
Address space (AS) value for searches. Specifies the value of AS used when searching the
TLB (during execution of tlbsx).
Table 6-30. MAS4 Field Descriptions—Hardware Replacement Assist
Configuration (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com