Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 295 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 295 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1302 page
background image
Debug Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-45
6.13.1.3 Debug Control Register 2 (DBCR2)
32
33
34
35
36
37
38
39
40
41
42
63
Field DAC1US DAC1ER DAC2US DAC2ER DAC12M
—
Reset
All zeros
R/W
R/W
SPR
SPR 310
Figure 6-50. Debug Control Register 2 (DBCR2)
Table 6-34. DBCR2 Field Descriptions
Bits
Name
Description
32–33
DAC1US Data address compare 1 user/supervisor mode
00 DAC1 debug events can occur
01 Reserved
10 DAC1 debug events can occur only if MSR[PR] = 0.
11 DAC1 debug events can occur only if MSR[PR] = 1.
34–35
DAC1ER Data address compare 1 effective/real mode
00 DAC1 debug events are based on effective addresses.
01 Reserved on the e500
10 DAC1 debug events are based on effective addresses and can occur only if MSR[DS] = 0.
11 DAC1 debug events are based on effective addresses and can occur only if MSR[DS] = 1.
36–37
DAC2US Data address compare 2 user/supervisor mode
00 DAC2 debug events can occur.
01 Reserved
10 DAC2 debug events can occur only if MSR[PR] = 0.
11 DAC2 debug events can occur only if MSR[PR] = 1.
38–39
DAC2ER Data address compare 2 effective/real mode
00 DAC2 debug events are based on effective addresses.
01 Reserved on the e500
10 DAC2 debug events are based on effective addresses and can occur only if MSR[DS] = 0.
11 DAC2 debug events are based on effective addresses and can occur only if MSR[DS] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com