Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 296 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 296 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-46
Freescale Semiconductor
Core Register Summary
6.13.2 Debug Status Register (DBSR)
40–41
DAC12M Data address compare 1/2 mode
00 Exact address compare. DAC1 debug events can occur only if the address of the data storage
access is equal to the value specified in DAC1. DAC2 debug events can occur only if the
address of the data storage access is equal to the value specified in DAC2.
01 Address bit match. DAC1 and DAC2 debug events can occur only if the address of the data
storage access, ANDed with the contents of DAC2 are equal to the contents of DAC1, also
ANDed with the contents of DAC2.
If DAC1US
≠ DAC2US or DAC1ER ≠ DAC2ER, results are boundedly undefined.
10 Inclusive address range compare. DAC1 and DAC2 debug events can occur only if the
address of the data storage access is greater than or equal to the value specified in DAC1 and
less than the value specified in DAC2.
If DAC1US
≠ DAC2US or DAC1ER ≠ DAC2ER, results are boundedly undefined.
11 Exclusive address range compare. DAC1 and DAC2 debug events can occur only if the
address of the data storage access is less than the value specified in DAC1 or is greater than
or equal to the value specified in DAC2.
If DAC1US
≠ DAC2US or DAC1ER ≠ DAC2ER, results are boundedly undefined.
42–63
—
Reserved, should be cleared.
32
33
34
35
36
37
38
39
40
41
42 43
44
45
46
47
48
49
63
Field IDE UDE MRR ICMP BRT IRPT TRAP IAC1 IAC2
—
DAC1R DAC1W DAC2R DAC2W RET
—
Reset
00
Undef.
0000_0000_0000
R/W
R/W
SPR
SPR 304
Figure 6-51. Debug Status Register (DBSR)
Table 6-35. DBSR Field Descriptions
Bits
Name
Description
32
IDE
Imprecise debug event. Set if MSR[DE] = 0 and a debug event causes its respective DBSR bit to
be set. Functions as write-one-to-clear.
33
UDE
Unconditional debug event. Set if an unconditional debug event occurred. Functions as
write-one-to-clear. If UDE (level sensitive, active low) is asserted, DBSR[UDE] is affected as follows:
MSR[DE]DBCR0[IDM]Action
X 0 No action.
0 1 UDE is set.
1 1 UDE is set and a debug interrupt is taken.
34–35
MRR
Most recent reset. Functions as write-one-to-clear. Undefined at power-up. The e500 implements
HRESET as follows:
0x No hard reset occurred since this bit was last cleared by software.
1x The previous reset was a hard reset.
36
ICMP
Instruction complete debug event. Set if an instruction completion debug event occurred and
DBCR0[ICMP] = 1. Functions as write-one-to-clear.
Table 6-34. DBCR2 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com