Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 299 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 299 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1302 page
background image
Signal Processing and Embedded Floating-Point Status and Control Register (SPEFSCR)
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-49
36
FINVH
Embedded floating-point invalid operation error high. Set when an input value on the high side is a
NaN, Inf, or Denorm. Also set on a divide if both the dividend and divisor are zero.
37
FDBZH Embedded floating-point divide by zero error high. Set if the dividend is non-zero and the divisor is
zero.
38
FUNFH Embedded floating-point underflow error high
39
FOVFH Embedded floating-point overflow error high
40–41
—
Reserved, should be cleared.
42
FINXS
Embedded floating-point inexact sticky. FINXS = FINXS | FGH | FXH | FG | FX
43
FINVS
Embedded floating-point invalid operation sticky. Location for software to use when implementing true
IEEE floating point.
44
FDBZS Embedded floating-point divide by zero sticky. FDBZS = FDBZS | FDBZH | FDBZ
45
FUNFS Embedded floating-point underflow sticky. Storage location for software to use when implementing
true IEEE floating point.
46
FOVFS Embedded floating-point overflow sticky. Storage location for software to use when implementing true
IEEE floating point.
47
MODE
Embedded floating-point mode (read only on e500)
48
SOV
Integer summary overflow. Set whenever an SPE instruction (except mtspr) sets OV. SOV remains
set until it is cleared by mtspr[SPEFSCR].
49
OV
Integer overflow. An overflow occurred in the lower half of the register while a SPE integer instruction
is being executed.
50
FG
Embedded floating-point guard bit. Floating-point guard bit from the lower half. The value is undefined
if the processor takes a floating-point exception due to input error, floating-point overflow, or
floating-point underflow.
51
FX
Embedded floating-point sticky bit. Floating bit from the lower half. The value is undefined if the
processor takes a floating-point exception due to input error, floating-point overflow, or floating-point
underflow.
52
FINV
Embedded floating-point invalid operation error. Set when an input value on the high side is a NaN,
Inf, or Denorm. Also set on a divide if both the dividend and divisor are zero.
53
FDBZ
Embedded floating-point divide by zero error. Set of the dividend is non-zero and the divisor is zero.
54
FUNF
Embedded floating-point underflow error
55
FOVF
Embedded floating-point overflow error
56
—
Reserved, should be cleared.
57
FINXE
Embedded floating-point inexact enable
58
FINVE
Embedded floating-point invalid operation/input error exception enable
0 Exception disabled
1 Exception enabled
If the exception is enabled, a floating-point data exception is taken if FINV or FINVH is set by a
floating-point instruction.
Table 6-36. SPEFSCR Field Descriptions (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com