Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 303 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1302 page
background image
Performance Monitor Registers (PMRs)
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-53
6.15.3 Local Control B Registers
(PMLCb0–PMLCb3, UPMLCb0–UPMLCb3)
Table 6-41. PMLCa0–PMLCa3 Field Descriptions
Bits
Name
Description
32
FC
Freeze counter
0 The PMC is incremented (if permitted by other PM control bits).
1 The PMC is not incremented.
33
FCS
Freeze counter in supervisor state
0 The PMC is incremented (if permitted by other PM control bits).
1 The PMC is not incremented if MSR[PR] = 0.
34
FCU
Freeze counter in user state
0 The PMC is incremented (if permitted by other PM control bits).
1 The PMC is not incremented if MSR[PR] = 1.
35
FCM1
Freeze counter while mark = 1
0 The PMC is incremented (if permitted by other PM control bits).
1 The PMC is not incremented if MSR[PMM] = 1.
36
FCM0
Freeze counter while mark = 0
0 The PMC is incremented (if permitted by other PM control bits).
1 The PMC is not incremented if MSR[PMM] = 0.
37
CE
Condition enable
0PMCx overflow conditions cannot occur (PMCx cannot cause interrupts, cannot freeze counters)
1 Overflow conditions occur when the most-significant bit of PMCx is equal to 1.
It is recommended that CE be cleared when counter PMCx is selected for chaining.
38–40
—
Reserved, should be cleared.
41–47
EVENT Event selector. Up to 128 events selectable. These events are described in the PowerPC e500 Core
Reference Manual.
48–63
—
Reserved, should be cleared.
32
52
53
55
56 57 58
63
Field
—
THRESHMUL
—
THRESHOLD
Reset
All zeros
R/W
PMLCb0–PMLCb3: Supervisor R/W
UPMLCb0–UPMLCb3: User read-only
PMR
PMLCb0: PMR272, PMLCb1: PMR273, PMLCb2: PMR274, PMLCb3: PMR275
UPMLCb0: PMR256, UPMLCb1: PMR257, UPMLCb2: PMR258, UPMLCb3: PMR259
Figure 6-58. Local Control B Registers (PMLCb0–PMLCb3),
User Local Control B Registers (UPMLCb0–UPMLCb3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com