Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 302 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 302 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-52
Freescale Semiconductor
Core Register Summary
6.15.1 Global Control Register 0 (PMGC0, UPMGC0)
6.15.2 Local Control A Registers
(PMLCa0–PMLCa3, UPMLCa0–UPMLCa3)
32
33
34
35
63
Field FAC PMIE FCECE
—
Reset
All zeros
R/W
PMGC0: Supervisor R/W; UPMGC0: User read-only
PMR
PMGC0: PMR400; UPMGC0: PMR384
Figure 6-56. Performance Monitor Global Control Register 0 (PMGC0),
User Performance Monitor Global Control Register 0 (UPMGC0)
Table 6-40. PMGC0 Field Descriptions
Bits
Name
Description
32
FAC
Freeze all counters. When FAC is set by hardware or software, PMLCx[FC] maintains its current
value until it is changed by software.
0 The PMCs are incremented (if permitted by other PM control bits).
1 The PMCs are not incremented.
33
PMIE
Performance monitor interrupt enable
0 Performance monitor interrupts are disabled.
1 Performance monitor interrupts are enabled and occur when an enabled condition or event occurs.
34
FCECE Freeze counters on enabled condition or event
0 The PMCs can be incremented (if permitted by other PM control bits).
1 The PMCs can be incremented (if permitted by other PM control bits) only until an enabled
condition or event occurs. When an enabled condition or event occurs, PMGC0[FAC] is set. It is
up to software to clear FAC.
35–63
—
Reserved, should be cleared.
32
33
34
35
36
37 38
40 41
47 48
63
Field FC FCS FCU FCM1 FCM0 CE
—
EVENT
Reset
All zeros
R/W
PMLCa0–PMLCa3: Supervisor R/W
UPMLCa0–UPMLCa3: User read-only
PMR
PMLCa0: PMR144, PMLCa1: PMR145, PMLCa2: PMR146, PMLCa3: PMR147
UPMLCa0: PMR128, UPMLCa1: PMR129, UPMLCa2: PMR130, UPMLCa3: PMR131
Figure 6-57. Local Control A Registers (PMLCa0–PMLCa3),
User Local Control A Registers (UPMLCa0–UPMLCa3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com