Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 300 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 300 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-50
Freescale Semiconductor
Core Register Summary
6.14.1 Accumulator (ACC)
59
FDBZE Embedded floating-point divide-by-zero exception enable
0 Exception disabled
1 Exception enabled
If the exception is enabled, a floating-point data exception is taken if FDBZ or FDBZH is set by a
floating-point instruction.
60
FUNFE Embedded floating-point underflow exception enable
0 Exception disabled
1 Exception enabled
If the exception is enabled, a floating-point data exception is taken if FUNF or FUNFH is set by a
floating-point instruction.
61
FOVFE Embedded floating-point overflow exception enable
0 Exception disabled
1 Exception enabled
If the exception is enabled, a floating-point data exception is taken if FOVF or FOVFH is set by a
floating-point instruction.
62–63
FRMC
Embedded floating-point rounding mode control
00 Round to nearest
01 Round toward zero
10 Round toward +infinity
11 Round toward –infinity
031 32
63
Field
Upper word
Lower word
Reset
All zeros
R/W
R/W
Figure 6-55. Accumulator (ACC)
Table 6-37. ACC FIeld Descriptions
Bits
Name
Function
0–31
Upper word
Holds the upper-word accumulate value for SPE multiply with accumulate instructions
32–63
Lower word
Holds the lower-word accumulate value for SPE multiply with accumulate instructions
Table 6-36. SPEFSCR Field Descriptions (continued)
Bits
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com