Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 304 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 304 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-54
Freescale Semiconductor
Core Register Summary
6.15.4 Performance Monitor Counter Registers
(PMC0–PMC3, UPMC0–UPMC3)
Table 6-42. PMLCb0–PMLCb3 Field Descriptions
Bits
Name
Description
32–52
—
Reserved, should be cleared.
53–55
THRESHMUL
Threshold multiple
000 Threshold field is multiplied by 1 (PMLCbn[THRESHOLD]
× 1)
001 Threshold field is multiplied by 2 (PMLCbn[THRESHOLD]
× 2)
010 Threshold field is multiplied by 4 (PMLCbn[THRESHOLD]
× 4)
011 Threshold field is multiplied by 8 (PMLCbn[THRESHOLD]
× 8)
100 Threshold field is multiplied by 16 (PMLCbn[THRESHOLD]
× 16)
101 Threshold field is multiplied by 32 (PMLCbn[THRESHOLD]
× 32)
110 Threshold field is multiplied by 64 (PMLCbn[THRESHOLD]
× 64)
111 Threshold field is multiplied by 128 (PMLCbn[THRESHOLD]
× 128)
56–57
—
Reserved, should be cleared.
58–63
THRESHOLD
Threshold. Only events that exceed the threshold value are counted. Such events are
implementation-dependent as are the dimension (for example duration in cycles) and
granularity with which the value is interpreted.
By varying the value, software can obtain a profile of the event characteristics subject to
thresholding. For example, if PMC1 is configured to count cache misses that last longer
than the threshold value, software can obtain the distribution of cache miss durations for a
given program by monitoring the program repeatedly using a different threshold each time.
32
33
63
Field OV
Counter value
Reset
All zeros
R/W
PMC0–PMC3: Supervisor R/W
UPMC0–UPMC3: User read only
PMR
PMC0: PMR16, PMC1: PMR17, PMC2,: PMR18, PMC3: PMR19
UPMC0: PMR0, UPMC1: PMR1, UPMC2,: PMR2, UPMC3: PMR3
Figure 6-59. Performance Monitor Counter Registers (PMC0–PMC3),
User Performance Monitor Counter Registers (UPMC0–UPMC3)
Table 6-43. PMC0–PMC3 Field Descriptions
Bits
Name
Description
32
OV
Overflow. When this bit is set, it indicates this counter reaches its maximum value.
33–63
Counter value
Indicates the number of occurrences of the specified event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com