Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 308 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 308 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-4
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
The tag size depends on whether both 128-Kbyte arrays are configured as cache. Figure 7-3 shows
how physical address bits are used to access the L2 in full cache mode (256-Kbyte cache).
Figure 7-3. 256-Kbyte L2 Cache Address Configuration—Full Cache Mode
Physical address bits 17–26 identify the bank and set of the tag and data. Physical address bits
0–16 are compared against the tags of all 8 ways. A match of a valid tag selects a 32-byte block of
data within the set. Physical address bits 27–31 identify the byte or bytes of data within the block.
If the L2 is programmed as one block of 256-Kbyte SRAM, physical address bits 14–16 are used
as the way select, without a tag lookup.
In half SRAM, half cache mode (128-Kbyte cache), there is no bank select, as shown in Figure 7-4,
so the tag is 18 bits (with no parity bit) for cache accesses. The cache resides in bank 1, and the
SRAM in bank 0. For SRAM accesses, physical address bits 15–17 are used as the way select. If
the L2 is programmed as two blocks of 128-Kbyte SRAM, bank 0 is block 0 (defined by
L2SRBAR0, see Table 7-5) and bank 1 is block 1.
As shown in Figure 7-4, the tag is 18 bits (with no parity bit) for cache accesses. For SRAM
accesses, physical address bits 15–17 are used as the way select.
26
17
16
0
Set index
(9 bits)
18
Bank select
Tag (17 bits)
31
27
26
17
Byte select
Set index
(9 bits)
18
Bank select
(5 bits)
(within a cache line)
Tag Lookup
Data Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com