Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 310 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 310 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-6
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Figure 7-6 shows address connections of the e500 core and L2/SRAM.
Figure 7-6. Address Bus Connection of CCB
In SRAM mode, if a non–cache-line read or write transaction is not preceded by a cache-line write,
an ECC error occurs; such a non–cache-line write transaction cannot be allocated in the L2.
7.3
Memory Map/Register Definition
Table 7-1 shows the memory map for the L2/SRAM registers. Undefined 4-byte address spaces
within offset 0x000–0xFFF are reserved.
Table 7-1. L2/SRAM Memory-Mapped Registers
Offset
Register
Access
Reset
Section/Page
0x2_0000
L2CTL—L2 control register
R/W
0x2000_0000
7.3.1.1/7-7
0x2_0010
L2CEWAR0—L2 cache external write address register 0
R/W
0x0000_0000
7.3.1.2/7-10
0x2_0018
L2CEWCR0—L2 cache external write control register 0
R/W
0x0000_0000
7.3.1.3/7-10
0x2_0020
L2CEWAR1—L2 cache external write address register 1
R/W
0x0000_0000
7.3.1.2/7-10
0x2_0028
L2CEWCR1—L2 cache external write control register 1
R/W
0x0000_0000
7.3.1.3/7-10
0x2_0030
L2CEWAR2—L2 cache external write address register 2
R/W
0x0000_0000
7.3.1.2/7-10
0x2_0038
L2CEWCR2—L2 cache external write control register 2
R/W
0x0000_0000
7.3.1.3/7-10
0x2_0040
L2CEWAR3—L2 cache external write address register 3
R/W
0x0000_0000
7.3.1.2/7-10
0x2_0048
L2CEWCR3—L2 cache external write control register 3
R/W
0x0000_0000
7.3.1.3/7-10
0x2_0100
L2SRBAR0—L2 memory-mapped SRAM base address
register 0
R/W
0x0000_0000
7.3.1.4/7-11
0x2_0108
L2SRBAR1—L2 memory-mapped SRAM base address
register 1
R/W
0x0000_0000
7.3.1.4/7-11
0x2_0E00
L2ERRINJHI—L2 error injection mask high register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E04
L2ERRINJLO—L2 error injection mask low register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E08
L2ERRINJCTL—L2 error injection tag/ECC control register
R/W
0x0000_0000
7.3.1.5.1/7-13
0x2_0E20
L2CAPTDATAHI—L2 error data high capture register
R
0x0000_0000
7.3.1.5.2/7-15
0x2_0E24
L2CAPTDATALO—L2 error data low capture register
R
0x0000_0000
7.3.1.5.2/7-15
MSTR
e500 Core
L2/SRAM
SNOOP
ADDR_IN
e500 Coherency Module
(ECM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com