Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
7-9
12
L2INTDIS
Cache read intervention disable. Reserved for full memory-mapped SRAM mode. Used to disable
cache read intervention. May be changed while the L2 is enabled or disabled.
0 Cache intervention is enabled. The ECM ensures that if a data read from another device hits in
the L2 cache, it is serviced from the L2 cache.
1 Cache intervention is disabled
13–15
L2SRAM
L2 block assignment. Determines the L2 cache/memory-mapped SRAM block assignment.
L2SIZ = L2BLKSIZ (1 block):
000 Block 0 = Cache
001 Block 0 = SRAM0
010–111 Reserved
L2SIZ = L2BLKSIZ
× 2 (2 blocks):
Block 0
Block 1
000 Unused
Cache
001 SRAM0
Unused
010 SRAM0
Cache
011 SRAM0
SRAM1
1xx Reserved
To change these bits, the L2 must be disabled (L2CTL[L2E] = 0).
16–17
—
Reserved
18
L2LO
L2 cache lock overflow. Reserved in full memory-mapped SRAM mode. This sticky bit is set if an
overlock condition is detected in the L2 cache. A lock overflow is triggered either by executing
instruction or data cache block touch and lock set instructions or by performing L2 cache external
writes with lock set. If all ways are locked and an attempt to stash is made, the stash is not
allocated.
0 The L2 cache did not encounter a lock overflow. L2LO is cleared only by software.
1 The L2 cache encountered a lock overflow condition.
19
L2SLC
L2 snoop lock clear. This sticky bit is set if a snoop invalidated a locked data cache line. Note that
the lock bit for that line is cleared whenever the line is invalidated. L2SLC is reserved in full
memory-mapped SRAM mode.
0 A snoop did not invalidate a locked L2 cache line. L2SLC is cleared only by software.
1 The L2 cache encountered a snoop that invalidated a locked line.
20
—
Reserved
21
L2LFR
L2 cache lock bits flash reset. The L2 cache must be enabled (L2CTL[L2E] = 1) for reset to occur.
This field is reserved in full memory-mapped SRAM mode.
0 The L2 cache lock bits are not cleared or the clear operation completed.
1 A reset operation is issued that clears each L2 cache line’s lock bits. Depending on the L2LFRID
value, data or instruction locks, or both can be reset. Cache access is blocked during this time.
After L2LFR is set, the L2 cache unit automatically clears L2LFR when the reset operation is
complete (if L2CTL[L2E] is set).
22–23
L2LFRID
L2 cache lock bits flash reset select instruction or data. Indicates whether data or instruction lock
bits or both are reset.
00 Not used
01 Reset data locks if L2LFR = 1
10 Reset instruction locks if L2LFR = 1
11 Reset both data and instruction locks if L2LFR = 1
24–31
—
Reserved
Table 7-2. L2CTL Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com