Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-10
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
7.3.1.2
L2 Cache External Write Address Registers 0–3 (L2CEWARn)
The MPC8540 supports allocating and locking of L2 cache lines from external agents, such as PCI.
This functionality is called stashing. The L2 cache external write address registers 0–3
(L2CEWARn) are paired with the L2 cache external write control registers 0–3 (L2CEWCRn) to
control the cache external write functionality. Each register pair (for example, L2CEWAR0 and
L2CEWCR0) specifies a programmed memory range that can be locked with a snoop write
transaction. The address register must be naturally aligned to the window size in the corresponding
control register. L2CEWARn registers contain identical fields, as shown in Figure 7-8.
Table 7-3 describes L2CEWARn fields.
7.3.1.3
L2 Cache External Write Control Registers 0–3 (L2CEWCRn)
The L2CEWARn registers are paired with the L2 cache external write control registers 0–3
(L2CEWCRn), shown in Figure 7-9, to control cache external write functionality.
0
23 24
31
R
ADDR
0000
0000
W
Reset
All zeros
Offset
0x2_0010, 0x2_0020, 0x2_0030, 0x2_0040
Figure 7-8. L2 Cache External Write Address Registers (L2CEWARn)
Table 7-3. L2CEWARn Field Descriptions
Bits
Nam
e
Description
0–23
ADD
R
L2 cache external write base address
24–3
1
—Reserved
01
2
7
8
31
R
ELOCK
000000
SIZMASK
W
Reset
All zeros
Offset
0x2_0018, 0x2_0028, 0x2_0038, 0x2_0048
Figure 7-9. L2 Cache External Write Control Registers (L2CEWCR0–L2CEWCR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com