Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 306 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 306 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-2
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
7.1.1
L2 Cache and SRAM Features
Two 128-Kbyte arrays can be designated independently as externally-accessible memory-mapped
SRAM or cache. The L2 cache has the following characteristics:
•
Write-through, front-side cache
— Front-side design provides easier cache access for I/O masters such as Ethernet and RapidIO
— Write-through design is more efficient on the processor bus for front-side caches
•
Valid, locked, and stale states (no modified state)
•
Two input data buses (64 and 128 bits) and one output data bus (128 bits wide)
•
All accesses are fully pipelined and non-blocking (allows hits under misses)
•
256-Kbyte array organized as 1024 eight-way sets of 32-byte cache lines
•
Eight-way set associativity (high level of associativity yields good performance even with
many locked lines)
•
Tag arrays contain 17 tag bits and 1 tag parity bit per line to support 256-Kbyte cache
(1024 sets), or 18 tag bits to support 128-Kbyte cache (512 sets).
•
Configurable to allocate processor instructions, data, or both
— Allows external writes (stashing) to allocate and optionally lock a line using one of the
two following methods:
– Attributes attached to the transactions by initiator or ATMU
– I/O devices can force memory writes to be allocated using programmed memory ranges
•
Pseudo-LRU (7-bit replacement algorithm)
•
Data ECC on 64-bit boundaries (single-error correction, double-error detection)
•
Tag parity for 256-Kbyte mode (1 tag bit per line covering cache tags)
•
Cache locking methods
— Individual line locks are set and cleared by using e500 cache locking APU instructions—
Data Cache Block Touch and Lock Set (dcbtls), Data Cache Block Touch for Store and
Lock Set (dcbtstls), and Instruction Cache Block Touch and Lock Set (icbtls).
— A lock attribute can be attached to write operations.
— Individual line locks are set and cleared through core-initiated instructions, by external
reads or writes, or by accesses to programmed memory ranges defined in L2 cache
external write address registers (L2CEWARn).
— The entire cache can be locked by setting a configuration register appropriately.
•
Lock clearing methods
— Individual locks cleared by cache locking APU instructions (Instruction Cache Block
Lock Clear (icblc) and Data Cache Block Lock Clear (dcblc)) or by snooped flush
unless entire cache is locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com