Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 294 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 294 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-44
Freescale Semiconductor
Core Register Summary
Table 6-33. DBCR1 Field Descriptions
Bits
Name
Description
32–33 IAC1US Instruction address compare 1 user/supervisor mode
00 IAC1 debug events can occur
01 Reserved
10 IAC1 debug events can occur only if MSR[PR] = 0
11 IAC1 debug events can occur only if MSR[PR] = 1
34–35 IAC1ER Instruction address compare 1 effective/real mode
00 IAC1 debug events are based on effective addresses
01 Reserved on the e500
10 IAC1 debug events are based on effective addresses and can occur only if MSR[IS] = 0
11 IAC1 debug events are based on effective addresses and can occur only if MSR[IS] = 1
36–37 IAC2US Instruction address compare 2 user/supervisor mode
00 IAC2 debug events can occur
01 Reserved
10 IAC2 debug events can occur only if MSR[PR] = 0
11 IAC2 debug events can occur only if MSR[PR] = 1
38–39 IAC2ER Instruction address compare 2 effective/real mode
00 IAC2 debug events are based on effective addresses
01 Reserved on the e500
10 IAC2 debug events are based on effective addresses and can occur only if MSR[IS] = 0
11 IAC2 debug events are based on effective addresses and can occur only if MSR[IS] = 1
40–41 IAC12M Instruction address compare 1/2 mode
00 Exact address compare. IAC1 debug events can occur only if the address of the instruction fetch
is equal to the value specified in IAC1. IAC2 debug events can occur only if the address of the
instruction fetch is equal to the value specified in IAC2.
01 Address bit match. IAC1 and IAC2 debug events can occur only if the address of the instruction
fetch, ANDed with the contents of IAC2 are equal to the contents of IAC1,plus ANDed with the
contents of IAC2.
If IAC1US
≠IAC2US or IAC1ER≠IAC2ER, results are boundedly undefined.
10 Inclusive address range compare. IAC1 and IAC2 debug events can occur only if the address of
the instruction fetch is greater than or equal to the value specified in IAC1 and less than the value
specified in IAC2.
If IAC1US
≠IAC2US or IAC1ER≠IAC2ER, results are boundedly undefined.
11 Exclusive address range compare. IAC1 and IAC2 debug events can occur only if the address
of the instruction fetch is less than the value specified in IAC1 or is greater than or equal to the
value specified in IAC2.
If IAC1US
≠IAC2US or IAC1ER≠IAC2ER, results are boundedly undefined.
42–63
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com