Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 290 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 290 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-40
Freescale Semiconductor
Core Register Summary
6.12.5.4 MAS Register 3 (MAS3)
6.12.5.5 MAS Register 4 (MAS4)
32
51 52 53 54
57
58
59
60
61
62
63
Field
RPN
—
U0–U3
UX SX UW SW UR SR
Reset
All zeros
R/W
R/W
SPR
SPR 627
Figure 6-45. MAS Register 3 (MAS3)
Table 6-29. MAS3 Field Descriptions–RPN and Access Control
Bits
Name
Description
32–51
RPN
Real page number. Depending on page size, only the bits associated with a page boundary are
valid. Bits that represent offsets within a page are ignored and should be cleared.
52–53
—
Reserved, should be cleared.
54–57
U0–U3
User attribute bits. Associated with a TLB entry and can be used by system software. For example,
they can hold information useful to a page-scanning algorithm or mark more abstract page
attributes.
58–63
PERMI
S
Permission bits (UX, SX, UW, SW, UR, SR). User and supervisor read, write, and execute
permission bits.
32
34
35
36
45
46
47
48
51 52
55 56
57
58
59
60
61
62
63
Field
—
TLBSELD
—
TIDSELD
—
TSIZED
— X0D X1D WD ID MD GD ED
Reset
All zeros
R/W
R/W
SPR
SPR 628
Figure 6-46. MAS Register 4 (MAS4)
Table 6-30. MAS4 Field Descriptions—Hardware Replacement Assist
Configuration
Bits
Name
Description
32–34
—
Reserved, should be cleared.
35
TLBSELD TLBSEL default value. The default value to be loaded in MAS0[TLBSEL] on a TLB miss exception.
0TLB0
1TLB1
36–45
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com