Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1302 page
background image
L1 Cache Configuration Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-33
6.11.4 L1 Cache Configuration Register 1 (L1CFG1)
44
CPA
Cache parity available
0 Unavailable
1Available
45–49
—
Reserved, should be cleared.
50–52
CNWAY
Cache number of ways
111 Indicates 8 ways
53–55
—
Reserved, should be cleared.
56–63
CSIZE
Cache size
0x20 indicates 32 Kbytes
32
38
39
40
41
42
43
44
45
52
53
63
Field
—
ICBSIZ
ICREPL ICLA ICP
A
ICNWAY
ICSIZE
Reset
0000_000
0_0
01
1
1
000_0011_1
000_0010_0000
R/W
Read only
SPR
SPR 516
Figure 6-36. L1 Cache Configuration Register 1 (L1CFG1)
Table 6-21. L1CFG1 Field Descriptions
Bits
Name
Description
32–38
—
Reserved, should be cleared.
39–40
ICBSIZ
Instruction cache block size
00 Indicates block size of 32 bytes
41–42
ICREPL Instruction cache replacement policy
01 Indicates pseudo-LRU policy
43
ICLA
Instruction cache locking available
1 Indicates available
44
ICPA
Instruction cache parity available
1 Indicates available
45–52
ICNWAY Instruction cache number of ways
111 Indicates 8 ways
53–63
ICSIZE
Instruction cache size
0x20 indicates 32 Kbytes
Table 6-20. L1CFG0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com