Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
3-4
Freescale Semiconductor
Signal Descriptions
The following tables provide summaries of signal functions. Table 3-1 provides a summary of the
signals grouped by function, and Table 3-2 provides the summary list of the signals grouped
alphabetically. These tables detail the signal name, interface, alternate functions, number of
signals, and whether the signal is an input, output, or bidirectional. The direction of the
multiplexed signals applies for the primary signal function listed in the left-most column of the
table for that row (and does not apply for the state of the reset configuration signals). Finally, the
table provides a pointer to the table where the signal function is described.
Table 3-1. MPC8540 Signal Reference by Functional Block
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page
MDQ[0:63]
DDR data
DDR memory
—
64
I/O
9-3/9-5
MECC[0:7]
DDR error correcting
code
DDR memory
—
8
I/O
9-3/9-5
MDM[0:7]
DDR data mask
DDR memory
—
8
O
9-3/9-5
MDM8
DDR ECC data mask
DDR memory
—
1
O
9-3/9-5
MDQS[0:7]
DDR data strobe
DDR memory
—
8
I/O
9-3/9-5
MDQS8
DDR ECC data strobe
DDR memory
—
1
I/O
9-3/9-5
MBA[0:1]
DDR bank select
DDR memory
—
2
O
9-3/9-5
MA[0:14]
DDR address
DDR memory
—
15
O
9-3/9-5
MWE
DDR write enable
DDR memory
—
1
O
9-3/9-5
MRAS
DDR row address strobe
DDR memory
—
1
O
9-3/9-5
MCAS
DDR column address
strobe
DDR memory
—
1
O
9-3/9-5
MCS[0:3]
DDR chip select
(2/DIMM)
DDR memory
—
4
O
9-3/9-5
MCKE[0:1]
DDR clock enable
DDR memory
—
2
O
9-4/9-8
MCK[0:5], MCK[0:5] DDR differential clocks (3
pairs/DIMM)
DDR memory
—
12
O
9-4/9-8
MSYNC_IN,
MSYNC_OUT
DDR DLL
synchronization in/out
DDR memory
—
2
I/O
9-4/9-8
RIO_RCLK,
RIO_RCLK
RapidIO receive clocks
RapidIO
—
2
I
17-5/17-8
RIO_RD[0:7],
RIO_RD[0:7]
RapidIO receive data
RapidIO
—
16
I
17-5/17-8
RIO_RFRAME,
RIO_RFRAME
RapidIO receive frame
RapidIO
—
2
I
17-5/17-8
RIO_TCLK,
RIO_TCLK
RapidIO transmit clock
RapidIO
—
2
O
17-5/17-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com