Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-1
Chapter 3
Signal Descriptions
This chapter describes the MPC8540 external signals. It is organized into the following sections:
•
Overview of signals and cross-references for signals that serve multiple functions,
including two lists: one by functional block and one alphabetical
•
List of reset configuration signals
•
List of output signal states at reset
NOTE
A bar over a signal name indicates that the signal is active low, such
as IRQ_OUT (interrupt out). Active-low signals are referred to as
asserted (active) when they are low and negated when they are high.
Signals that are not active low, such as IRQ (interrupt input), are
referred to as asserted when they are high and negated when they are
low.
Internal signals throughout this document are shown as lower case and
in italics. For example, sys_logic_clk is an internal signal. These are
referenced only as necessary for understanding of the external
functionality of the device.
3.1
Signals Overview
The MPC8540 signals are grouped as follows:
•
DDR memory interface signals
•
RapidIO interface signals
•
PCI/PCI-X interface signals
•
Ethernet management interface signals
•
TSEC1 interface signals
•
TSEC2 interface signals
•
FEC10/100 interface signals
•
Local bus interface signals
•
DMA interface signals
•
PIC interface signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com