Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-47
Version Registers
0xE_00A0
PVR—Processor version register
R
e500 processor
version
18.4.1.14/18-17
0xE_00A4
SVR—System version register
R
MPC8540 system
version
18.4.1.15/18-18
Debug Control
0xE_0E00
CLKOCR—Clock out select register
R/W
0x0000_0000
18.4.1.16/18-18
0xE_0E10
DDRDLLCR—DDR DLL control register
R/W
0x0000_0000
18.4.1.17/18-19
0xE_0E20
LBDLLCR—LBC DLL control register
R/W
0x0000_0000
18.4.1.18/18-20
Performance Monitor Control Registers
0xE_1000
PMGC0—Performance monitor global control
register
R/W
0x0000_0000
19.3.2.1/19-5
0xE_1010
PMLCA0—Performance monitor local control register
A0
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1014
PMLCB0—Performance monitor local control register
B0
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1018
PMC0 (upper)—Performance monitor counter 0
upper
R/W
0x0000_0000
19.3.3.1/19-9
0xE_101C
PMC0 (lower)—Performance monitor counter 0 lower
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1020
PMLCA1—Performance monitor local control register
A1
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1024
PMLCB1—Performance monitor local control register
B1
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1028
PMC1—Performance monitor counter 1
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1030
PMLCA2—Performance monitor local control register
A2
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1034
PMLCB2—Performance monitor local control register
B 2
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1038
PMC2—Performance monitor counter 2
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1040
PMLCA3—Performance monitor local control register
A3
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1044
PMLCB3—Performance monitor local control register
B3
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1048
PMC3—Performance monitor counter 3
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1050
PMLCA4—Performance monitor local control register
A4
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1054
PMLCB4—Performance monitor local control register
B4
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1058
PMC4—Performance monitor counter 4
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1060
PMLCA5—Performance monitor local control register
A5
R/W
0x0000_0000
19.3.2.2/19-5
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com