Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-46
Freescale Semiconductor
Memory Map
RapidIO Doorbell Registers
0xD_1460
DMR—Doorbell mode register
R/W
0x0000_0000
17.3.3.3.1/17-77
0xD_1464
DSR—Doorbell status register
R/W
0x0000_0000
17.3.3.3.2/17-78
0xD_146C
DQDPAR—Doorbell queue dequeue pointer address
register
R/W
0x0000_0000
17.3.3.3.3/17-79
0xD_1474
DQEPAR—Doorbell queue enqueue pointer address
register
R/W
0x0000_0000
17.3.3.3.4/17-80
RapidIO Port-Write Registers
0xD_14E0
PWMR—Port-write mode register
R/W
0x0000_0000
17.3.3.4.1/17-81
0xD_14E4
PWSR—Port-write status register
R/W
0x0000_0000
17.3.3.4.2/17-82
0xD_14EC
PWQBAR—Port-write queue base address register
R/W
0x0000_0000
17.3.3.4.3/17-83
Global Utilities Registers
Power-On Reset Configuration Values
0xE_0000
PORPLLSR—POR PLL ratio status register
R
0x00nn_00nn
18.4.1.1/18-4
0xE_0004
PORBMSR—POR boot mode status register
R
0xnnnn_0000
18.4.1.2/18-5
0xE_0008
PORIMPSCR—POR I/O impedance status and
control register
R/W
0x000n_007F
18.4.1.3/18-6
0xE_000C
PORDEVSR—POR I/O device status register
R
See ref.
18.4.1.4/18-7
0xE_0010
PORDBGMSR—POR debug mode status register
R
See ref.
18.4.1.5/18-9
0xE_0020
GPPORCR—General-purpose POR configuration
register
RSee ref.
18.4.1.6/18-9
Signal Multiplexing and GPIO Controls
0xE_0030
GPIOCR—GPIO control register
R/W
0x0000_0000
18.4.1.7/18-10
0xE_0040
GPOUTDR—General-purpose output data register
R/W
0x0000_0000
18.4.1.8/18-11
0xE_0050
GPINDR—General-purpose input data register
R
0xnnnn_0000
18.4.1.9/18-12
0xE_0060
PMUXCR—Alternate function signal multiplex control
R/W
0x0000_0000
18.4.1.9/18-12
Device Disables
0xE_0070
DEVDISR—Device disable control
R/W
0x0000_0000
18.4.1.11/18-13
Power Management Registers
0xE_0080
POWMGTCSR—Power management status and
control register
R/W
0x0000_0000
18.4.1.12/18-15
Interrupt Reporting
0xE_0090
MCPSUMR—Machine check summary register
Read/
Clear
0x0000_0000
18.4.1.13/18-16
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com