Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-45
0xD_0DD0
RIWAR1—RapidIO inbound window attributes
register 1
R/W
0x0004_401F
17.3.2.2.6/17-42
0xD_0DE0
RIWTAR0—RapidIO inbound window translation
address register 0
R/W
0x0000_0000
17.3.2.2.4/17-40
0xD_0DF0
RIWAR0—RapidIO inbound window attributes
register 0
R/W
0x8004_401F
17.3.2.2.6/17-42
Error Management Registers
0xD_0E00
PNFEDR—Port notification/fatal error detect register
R/W
0x0000_0000
17.3.2.3.1/17-44
0xD_0E04
PNFEDiR—Port notification/fatal error detect disable
register
R/W
0x0000_0000
17.3.2.3.2/17-47
0xD_0E08
PNFEIER—Port notification/fatal error interrupt
enable register
R/W
0x0000_0000
17.3.2.3.3/17-49
0xD_0E0C
PECSR—Port error capture status register
R/W
0x0000_0000
17.3.2.3.4/17-52
0xD_0E10
EPCR0—Error packet capture register 0
R/W
0x0000_0000
17.3.2.3.5/17-52
0xD_0E14
EPCR1—Error packet capture register 1
R/W
0x0000_0000
17.3.2.3.6/17-53
0xD_0E18
EPCR2—Error packet capture register 2
R/W
0x0000_0000
17.3.2.3.16/17-58
0xD_0E20
PREDR—Port recoverable error detect register
R/W
0x0000_0000
17.3.2.3.23/17-61
0xD_0E28
PERTR—Port error recovery threshold register
R/W
0x00FF_0000
17.3.2.3.24/17-64
0xD_0E2C
PRTR—Port retry threshold register
R/W
0x00FF_0000
17.3.2.3.25/17-64
RapidIO Message Unit
RapidIO Outbound Message Registers
0xD_1000
OMR—Outbound mode register
R/W
0x0000_0000
17.3.3.1.1/17-65
0xD_1004
OSR—Outbound status register
R/W
0x0000_0000
17.3.3.1.2/17-67
0xD_100C
ODQDPAR—Outbound descriptor queue dequeue
pointer address register
R/W
0x0000_0000
17.3.3.1.3/17-68
0xD_1014
OSAR—Outbound source address register
R/W
0x0000_0000
17.3.3.1.4/17-69
0xD_1018
ODPR—Outbound destination port register
R/W
0x0000_0000
17.3.3.1.5/17-70
0xD_101C
ODATR—Outbound destination attributes register
R/W
0x0006_0000
17.3.3.1.6/17-70
0xD_1020
ODCR—Outbound double-word count register
R/W
0x0000_0000
17.3.3.1.7/17-71
0xD_1028
ODQEPAR—Outbound descriptor queue enqueue
pointer address register
R/W
0x0000_0000
17.3.3.1.8/17-72
RapidIO Inbound Message Registers
0xD_1060
IMR—Inbound mailbox mode register
R/W
0x0000_0000
17.3.3.2.1/17-72
0xD_1064
ISR—Inbound mailbox status register
R/W
0x0000_0000
17.3.3.2.2/17-74
0xD_106C
IFQDPAR—Inbound frame queue dequeue pointer
address register
R/W
0x0000_0000
17.3.3.2.3/17-75
0xD_1074
IFQEPAR—Inbound frame queue enqueue pointer
address register
R/W
0x0000_0000
17.3.3.2.4/17-76
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com