Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 158Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1302 page
background image
Complete CCSR Map
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
2-43
0xC_0158
PESCSR—Port error and status command and status
register
R/W
0x0000_0000
17.3.1.23/17-31
0xC_015C
PCCSR—Port control command and status register
R/W
0x4400_0000
17.3.1.24/17-33
Implementation Registers
0xD_0000
CR—Configuration register
R/W
0x0000_0001
17.3.2.1.1/17-34
0xD_0010
PCR—Port configuration register
R/W
0x0000_0010
17.3.2.1.2/17-35
0xD_0014
PEIR—Port error injection register
R/W
0x0000_0000
17.3.2.1.3/17-35
ATMU Registers
0xD_0C00
ROWTAR0—RapidIO outbound window translation
address register 0
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0C10
ROWAR0—RapidIO outbound window attributes
register 0
R/W
0x8004_401F
17.3.2.2.3/17-39
0xD_0C20
ROWTAR1—RapidIO outbound window translation
address register 1
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0C28
ROWBAR1—RapidIO outbound window base
address register 1
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0C30
ROWAR1—RapidIO outbound window attributes
register 1
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0C40
ROWTAR2—RapidIO outbound window translation
address register 2
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0C48
ROWBAR2—RapidIO outbound window base
address register 2
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0C50
ROWAR2—RapidIO outbound window attributes
register 2
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0C60
ROWTAR3—RapidIO outbound window translation
address register 3
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0C68
ROWBAR3—RapidIO outbound window base
address register 3
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0C70
ROWAR3—RapidIO outbound window attributes
register 3
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0C80
ROWTAR4—RapidIO outbound window translation
address register 4
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0C88
ROWBAR4—RapidIO outbound window base
address register 4
R/W
0x0000_0000
17.3.2.2.2/17-38
0xD_0C90
ROWAR4—RapidIO outbound window attributes
register 4
R/W
0x0004_401F
17.3.2.2.3/17-39
0xD_0CA0
ROWTAR5—RapidIO outbound window translation
address register 5
R/W
0x0000_0000
17.3.2.2.1/17-37
0xD_0CA8
ROWBAR5—RapidIO outbound window base
address register 5
R/W
0x0000_0000
17.3.2.2.2/17-38
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com