Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
2-48
Freescale Semiconductor
Memory Map
0xE_1064
PMLCB5—Performance monitor local control register
B 5
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1068
PMC5—Performance monitor counter 5
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1070
PMLCA6—Performance monitor local control register
A6
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1074
PMLCB6—Performance monitor local control register
B6
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1078
PMC6—Performance monitor counter 6
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1080
PMLCA7—Performance monitor local control register
A7
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1084
PMLCB7—Performance monitor local control register
B7
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1088
PMC7—Performance monitor counter 7
R/W
0x0000_0000
19.3.3.1/19-9
0xE_1090
PMLCA8—Performance monitor local control register
A8
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1094
PMLCB8—Performance monitor local control register
B8
R/W
0x0000_0000
19.3.2.2/19-5
0xE_1098
PMC8—Performance monitor counter 8
R/W
0x0000_0000
19.3.3.1/19-9
Debug and Watchpoint Monitor Registers
Watchpoint Monitor Registers
0xE_2000
WMCR0—Watchpoint monitor control register 0
R/W
0x0000_0000
20.3.1.1/20-11
0xE_2004
WMCR1—Watchpoint monitor control register 1
R/W
0x0000_0000
20.3.1.1/20-11
0xE_200C
WMAR—Watchpoint monitor address register
R/W
0x0000_0000
20.3.1.2/20-13
0xE_2014
WMAMR—Watchpoint monitor address mask
register
R/W
0x0000_0000
20.3.1.3/20-14
0xE_2018
WMTMR—Watchpoint monitor transaction mask
register
R/W
0x0000_0000
20.3.1.4/20-14
0xE_201C
WMSR—Watchpoint monitor status register
R/W
0x0000_0000
20.3.1.5/20-16
Trace Buffer Registers
0xE_2040
TBCR0—Trace buffer control register
R/W
0x0000_0000
20.3.2.1/20-16
0xE_2044
TBCR1—Trace buffer control register
R/W
0x0000_0000
20.3.2.1/20-16
0xE_204C
TBAR—Trace buffer address register
R/W
0x0000_0000
20.3.2.2/20-19
0xE_2054
TBAMR—Trace buffer address mask register
R/W
0x0000_0000
20.3.2.3/20-19
0xE_2058
TBTMR—Trace buffer transaction mask register
R/W
0x0000_0000
20.3.2.4/20-20
0xE_205C
TBSR—Trace buffer status register
R/W
0x0000_0000
20.3.2.5/20-21
0xE_2060
TBACR—Trace buffer access control register
R/W
0x0000_0000
20.3.2.6/20-22
0xE_2064
TBADHR—Trace buffer access data high register
R/W
0x0000_0000
20.3.2.7/20-22
0xE_2068
TBADR—Trace buffer access data register
R/W
0x0000_0000
20.3.2.8/20-23
Table 2-9. Memory Map (continued)
Offset
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com