Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 45Page - STMicroelectronics STPM32 Datasheet HTML 46Page - STMicroelectronics STPM32 Datasheet HTML 47Page - STMicroelectronics STPM32 Datasheet HTML 48Page - STMicroelectronics STPM32 Datasheet HTML 49Page - STMicroelectronics STPM32 Datasheet HTML 50Page - STMicroelectronics STPM32 Datasheet HTML 51Page - STMicroelectronics STPM32 Datasheet HTML 52Page - STMicroelectronics STPM32 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
DS10272 Rev 8
49/121
STPM32, STPM33, STPM34
Theory of operation
121
Basic calculations are listed in Table 14:
Table 14. STPM3x basic calculations
Parameter
Voltage
Current shunt
Current CT
Current Rogowski coil
Gain
AV = 2
AI = 16
AI = 2
AI = 16
Calibrators(1)
calV = 0.875
calI = 0.875
Sensitivity
kS = RShunt [
kS = kRoCoil [VA
Voltage at channel
inputs
Integrator gain (for
Rogowski coil sensor
only)
-kint = 1
kint = 0.8155773
ΣΔ bitstream(2)
Input active power
Active power
LED frequency at rated
power (3)
Constant pulse
Pulse value
Power register
normalized
R2
R1 R2
+
--------------------[V/A]
kS
Rb
N
-------[V/A]
=
VinV
R2
R1 R2
+
-------------------- V[V]
=
VinC
kS I[V]
=
V
VinV
AV
Vref
----------
=
V
VinC
AI
Vref
----------
=
V
VinC
AI
Vref Kint
------------------------
=
Pin
VI
V I[W]
=
cos

=
CP
1
2
---
R2
R1 R2
+
-------------------- kint k
S
AV AI calV calI

Vref
2
------------------------------------------------
DClk
LED_PWM
------------------------------ pulses
Ws
-------------------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com