Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 56Page - STMicroelectronics STPM32 Datasheet HTML 57Page - STMicroelectronics STPM32 Datasheet HTML 58Page - STMicroelectronics STPM32 Datasheet HTML 59Page - STMicroelectronics STPM32 Datasheet HTML 60Page - STMicroelectronics STPM32 Datasheet HTML 61Page - STMicroelectronics STPM32 Datasheet HTML 62Page - STMicroelectronics STPM32 Datasheet HTML 63Page - STMicroelectronics STPM32 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
60/121
DS10272 Rev 8
For the current swell, an analogue procedure can be followed:
ISWELL: target RMS value of swell current
kS: current sensor sensitivity [V/A]
AI: current sensor gain
calI = 0.875, calibrator mid value
The swell threshold is:
8.4.11
Tamper detection
The device includes a tamper detection module (the STPM34 and STPM33 only).
To enable this feature, TMP_EN bit and TMP_TOL[1:0] tamper tolerance have to be set in
DSP_CR3. Tamper detection feature is disabled by default. It is possible to choose among
four different tolerances according to Table 19:
Tamper module monitors active energy registers of the two channels. Tamper condition is
detected when the absolute value of the difference between the two active energy values is
greater than the chosen percentage of the averaged value. This occurs when the following
equation is satisfied:
Equation 17
|EnergyCH1 - EnergyCH2| > TOL * |EnergyCH1 + EnergyCH2|
where TOL is selected according to Table 19.
Detection threshold is much higher than the accuracy difference of the current channels,
which should be less than 0.2%, but, some headroom should be left for possible transition
effect, due to accidental synchronism of load current change at the rate of energy sampling
.
Table 18. Current swell
Parameter
Value
Register value
Register LSB RMS value
SWELLC
ISWELL
Vref
------------------- AI
2kS calI D
SWELL HEX


=
LSBSWELL
Vref
AI
2kS calI D
SWELL

--------------------------------------------------------------------- A

=
Table 19. Tamper tolerance setting
TMP_TOL[1:0]
Tamper tolerance
0x00
TOL = 12.5%
0x01
TOL = 8.33%
0x10
TOL = 6.25%
0x11
TOL = 3.125%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com