Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 15Page - STMicroelectronics STPM32 Datasheet HTML 16Page - STMicroelectronics STPM32 Datasheet HTML 17Page - STMicroelectronics STPM32 Datasheet HTML 18Page - STMicroelectronics STPM32 Datasheet HTML 19Page - STMicroelectronics STPM32 Datasheet HTML 20Page - STMicroelectronics STPM32 Datasheet HTML 21Page - STMicroelectronics STPM32 Datasheet HTML 22Page - STMicroelectronics STPM32 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
DS10272 Rev 8
19/121
STPM32, STPM33, STPM34
Electrical characteristics
121
External Clock Input (CLKIN/XTAL2)(3)
VIH
Input high-voltage
Vcc=3.3V
0.8
-
3.3
V
VIL
Input low-voltage
Vcc=3.3V
-0.3
-
0.1
V
Energy measurement accuracy
AP
Active power
Over dynamic range 5000:1
PGA = 2 to 16
-
0.1
-
%
Over dynamic range 10000:1
PGA = 2 to 16
-
0.5
-
RP
Reactive power
Over dynamic range 2000:1
PGA = 2 to 16
-
0.1
-
RMS
Voltage RMS
Over dynamic range 1:200
-
0.5
-
%
Current RMS
Over dynamic range 1:500
-
0.5
-
-
fBW
Effective bandwidth
-3 dB, HPF = 1
4
-
3600
Hz
Sigma-delta ADC performance
OSF
Oversampling
frequency
-
-
4
-
MHz
DR
Decimation ratio
-
-
1/512
-
-
Fs
Sampling frequency
-
-
7.8125
-
kHz
FBW
Flat band
< 0.05 dB allowed ripple
2
-
-
kHz
BW
Effective bandwidth
-3 dB, HPF = 0
0
-
3600
Hz
DC measurement accuracy
PSRRAC
Power supply AC
rejection(2)
Voltage input shorted
Current input shorted
VCC = 3.3 V ± 150 mVp at 1 kHz
-65
-
dB
SPI timings(3)
t_en
Time between selection
and clock
-50
-
-
ns
t_clk
Clock period
-
50
-
-
ns
t_cpw
Clock pulse width
-
25
-
-
ns
t_setup
Set-up time before
slave sampling
-10
-
-
ns
t_hold
Hold time after slave
sampling
-40
-
-
ns
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com