Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 96Page - STMicroelectronics STPM32 Datasheet HTML 97Page - STMicroelectronics STPM32 Datasheet HTML 98Page - STMicroelectronics STPM32 Datasheet HTML 99Page - STMicroelectronics STPM32 Datasheet HTML 100Page - STMicroelectronics STPM32 Datasheet HTML 101Page - STMicroelectronics STPM32 Datasheet HTML 102Page - STMicroelectronics STPM32 Datasheet HTML 103Page - STMicroelectronics STPM32 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
Register map
STPM32, STPM33, STPM34
100/121
DS10272 Rev 8
10.2
Configuration register
Table 44. Row 0, DSP control register 1 (DSP_CR1)
Bit
Internal signal
Description
Default
[3:0]
CLRSS_TO1
Set duration of primary channel reset signal to clear sag and
swell registers
0x0
4
ClearSS1
Clear sag and swell time register and history bits for primary
channel, auto-reset to '0'
0x0
5
ENVREF1
Enable internal voltage reference for primary channel:
0: reference disabled – external VREF required
1: reference enabled
0x1
[8:6]
TC1
Temperature compensation coefficient selection for primary
channel voltage reference VREF1 (see Table 9 on page 32)
0x2
[16:9]
-
Reserved
0x0
17
AEM1
Apparent energy mode for primary channel:
0: use apparent RMS power
1: use apparent vectorial power
0x0
18
APM1
Apparent vectorial power mode for primary channel:
0: use fundamental power
1: use active power
0x0
19
BHPFV1
Bypass hi-pass filter for primary voltage channel:
0: HPF enabled
1: HPF bypassed
0x0
20
BHPFC1
Bypass hi-pass filter for primary current channel:
0: HPF enabled
1: HPF bypassed
0x0
21
ROC1
Add Rogowski integrator to primary current channel filtering
pipeline:
0: integrator bypassed
1: integrator enabled
0x0
[23:22]
-
Reserved
0x0
[27:24]
LPW1
LED1 speed dividing factor: 0x0 = 2^(-4), 0xF = 2^11
Default 0x4 = 1
0x4
[29:28]
LPS1
LED1 pulse-out power selection:
LPS1 [1:0]: 00,01,10,11
LED1 output: active, fundamental, reactive, apparent
0x0
[31:30]
LCS1
LED1 pulse-out channel selection:
LCS1 [1:0]: 00,01,10,11
LED1: primary channels, secondary channels, cumulative,
sigma-delta bitstream
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com