Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 92Page - STMicroelectronics STPM32 Datasheet HTML 93Page - STMicroelectronics STPM32 Datasheet HTML 94Page - STMicroelectronics STPM32 Datasheet HTML 95Page - STMicroelectronics STPM32 Datasheet HTML 96Page - STMicroelectronics STPM32 Datasheet HTML 97Page - STMicroelectronics STPM32 Datasheet HTML 98Page - STMicroelectronics STPM32 Datasheet HTML 99Page - STMicroelectronics STPM32 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
29
3A
RL
Padding
C1 Fund [23:0]
dsp_reg7
00000000
30
3C
RL
Padding
V2 Fund [23:0]
dsp_reg8
00000000
31
3E
RL
Padding
C2 Fund [23:0]
dsp_reg9
00000000
32
40
RL
dsp_reg10 00000000
33
42
RL
dsp_reg11 00000000
34
44
RL
dsp_reg12 00000000
35
46
RL
dsp_reg13 00000000
36
48
RL
C1 RMS Data [16:0]
V1 RMS Data [14:0]
dsp_reg14 00000000
37
4A
RL
C2 RMS Data [16:0]
V2 RMS Data [14:0]
dsp_reg15 00000000
38
4C
RL
SAG1_TIME [14:0]
SWV1_TIME [14:0]
dsp_reg16 00000000
39
4E
RL
C1_PHA[11:0]
SWC1_TIME [14:0]
dsp_reg17 00000000
40
50
RL
SAG2_TIME [14:0]
SWV2_TIME [14:0]
dsp_reg18 00000000
Table 42. Register map (continued)
Row Address
(R)ead
(W)rite
(L)atch
Index
Names
Default
values
MSW [31:16]
LSW [15:0]
MSB [31:24]
LSB [23:16]
MSB [15:8]
LSB [7:0]
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com