Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 7Page - STMicroelectronics STPM32 Datasheet HTML 8Page - STMicroelectronics STPM32 Datasheet HTML 9Page - STMicroelectronics STPM32 Datasheet HTML 10Page - STMicroelectronics STPM32 Datasheet HTML 11Page - STMicroelectronics STPM32 Datasheet HTML 12Page - STMicroelectronics STPM32 Datasheet HTML 13Page - STMicroelectronics STPM32 Datasheet HTML 14Page - STMicroelectronics STPM32 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
DS10272 Rev 8
11/121
STPM32, STPM33, STPM34
Schematic diagram
121
Figure 3. STPM32 block diagram
IIP1
IIN1
VIP1
VIN1
2
order
ΣΔ
modulator
PLNA
Decimation
Decimation
Phase
compensation
Phase
compensation
SPI/UART
SCS
MISO/
TXD
MOSI/
RXD
SCL
SYN
OSC 16 MHz
XTAL1 XTAL2
INT1
LED2
CLKOUT/
ZCR
EN
LED1
Filters
DSP
VCC
VDDA
VREF1
LDR 3.0 V
VOLTAGE
REFERENCE
VRefC1
VRefV1
LDR 1.2 V
VDDD
2
order
ΣΔ
modulator
nd
nd
GIPG1303141239LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com