Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 73Page - STMicroelectronics STPM32 Datasheet HTML 74Page - STMicroelectronics STPM32 Datasheet HTML 75Page - STMicroelectronics STPM32 Datasheet HTML 76Page - STMicroelectronics STPM32 Datasheet HTML 77Page - STMicroelectronics STPM32 Datasheet HTML 78Page - STMicroelectronics STPM32 Datasheet HTML 79Page - STMicroelectronics STPM32 Datasheet HTML 80Page - STMicroelectronics STPM32 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
DS10272 Rev 8
77/121
STPM32, STPM33, STPM34
Theory of operation
121
UART/SPI read address error: read address out of range (not read address not
readable)
SPI TX empty: transmission buffer empty (for SPI diagnostic, not recommended for
normal IRQ operations)
SPI RX full: reception buffer full (for SPI diagnostic, not recommended for normal IRQ
operations)
UART TX overrun: occurs when master and slave have different baud rates and master
transmits before reception has ended
UART RX overrun: active when received data have not been correctly processed
UART noise error: noisy bit detected
UART frame error: missing stop bit detected
UART timeout error: timeout counter expired
UART CRC error: CRC error detected
UART break: break frame (all zeros) received
Read-write status bits are set by the occurrence of the related event and are not reset when
the event ceases, on contrary master can only reset them transmitting a write sequence
addressed to memory location 0x28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com