Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 58Page - STMicroelectronics STPM32 Datasheet HTML 59Page - STMicroelectronics STPM32 Datasheet HTML 60Page - STMicroelectronics STPM32 Datasheet HTML 61Page - STMicroelectronics STPM32 Datasheet HTML 62Page - STMicroelectronics STPM32 Datasheet HTML 63Page - STMicroelectronics STPM32 Datasheet HTML 64Page - STMicroelectronics STPM32 Datasheet HTML 65Page - STMicroelectronics STPM32 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
62/121
DS10272 Rev 8
Figure 46. AH accumulation thresholds
8.4.13
Status bits, event bits and interrupt masks
The device detects and monitors events like sag and swell, tamper, energy register
overflow, power sign and errors, generating an interrupt signal on INTx pins when the
masked event is triggered.
When the event is triggered, the correspondent bit is set in two registers:
Live event register DSP_EV1,2
Status (also called interrupt) register DSP_SR1,2
To output the interrupt on INTx pins, the correspondent bit should be set in the interrupt
control mask register DSP_IRQ1,2
Live event register
In live event registers (DSP_EV1 and DSP_EV2), events are set and cleared by DSP at the
sampling rate DCLK = 7,8125 kHz.
Table 20. AH accumulator LSB
Parameter
Value
AH accumulator register LSB
AH threshold register LSB
LSBAH_ACC
LSBIRMS 2
3600 DClk
-------------------------------- Ah

=
LSBAH_UP
LSBAH_DOWN LSBIRMS
=
2
5 A

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com