Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 27Page - STMicroelectronics STPM32 Datasheet HTML 28Page - STMicroelectronics STPM32 Datasheet HTML 29Page - STMicroelectronics STPM32 Datasheet HTML 30Page - STMicroelectronics STPM32 Datasheet HTML 31Page - STMicroelectronics STPM32 Datasheet HTML 32Page - STMicroelectronics STPM32 Datasheet HTML 33Page - STMicroelectronics STPM32 Datasheet HTML 34Page - STMicroelectronics STPM32 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 121 page
background image
DS10272 Rev 8
31/121
STPM32, STPM33, STPM34
Theory of operation
121
8.2
Functional description of the analog part
The analog part of the STPM3x consists of the following sections:
Power management section:
–
Reference voltage generators with programmable independent temperature
compensation
–
+3 V low drop supply voltage regulator
–
+1.2 V low drop supply voltage regulator
Analog front end section:
–
Preamplifiers in the two current channels
–2nd order sigma-delta modulators
Clock generator
Power-on-reset (POR)
8.2.1
Power management section
Supply pins for the analog part are: VCC, VDDA, VDDD and GND.
GND pins represent the reference point.
VCC pin is the power supply input namely +3.3 V to GND_REG, it has to be connected to
GND_REG via a 1 μF capacitor.
VDDA and VDDD are analog output pins of internal +3.0 V and +1.2 V low drop voltage
regulators.
At least 1 μF capacitor should be connected between VDDA and GNDA. At least 1 μF
(better 4.7 μF) capacitor should be connected between VDDD and GNDD. The input of the
mentioned regulators is VCC.
There are two voltage references embedded in the STPM33 and STPM34, while the
STPM32 embeds a single reference.
It is possible to switch off each reference voltage and each voltage or current channel
independently for power saving purpose.
EN_REF1 and EN_REF2 bits in DSP_CR1 and DSP_CR2 switch on/off the voltage
reference.
To disable a single voltage or current channel, enV1, enC1 bits for primary channel and
enV2, enC2 for secondary channel should be cleared in DFE_CR1 and DFE_CR2
respectively. Switching off some channels allows an operating current reduction as reported
in Table 5 on page 17.
As described in Figure 22, two EN_REF1 and EN_REF2 bits enable the voltage references;
if a unique voltage reference is used, one of these two bits must be disabled and VREF1
and VREF2 pins must be shorted; if an external reference is used both bits must be disabled
and the external reference must be connected to VREF1, VREF2 pins. VREF1 and VREF2
outputs should be connected to GNDREF via a 100 nF capacitor independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com